Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASEK232.768KHZNJST Arkusz danych (PDF) - Abracon Corporation

ASEK232.768KHZNJST Datasheet PDF - Abracon Corporation
Numer części ASEK232.768KHZNJST
Pobierz  ASEK232.768KHZNJST Pobierz
Rozmiar pliku   709.7 Kbytes
Page   2 Pages
Producent  ABRACON [Abracon Corporation]
Strona internetowa  https://abracon.com
Logo ABRACON - Abracon Corporation
Szczegółowy opis 3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR

ASEK232.768KHZNJST Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ASEK232.768KHZNJST Datasheet PDF - Abracon Corporation

Numer części ASEK232.768KHZNJST
Pobierz  ASEK232.768KHZNJST Click to download

Rozmiar pliku   709.7 Kbytes
Page   2 Pages
Producent  ABRACON [Abracon Corporation]
Strona internetowa  https://abracon.com
Logo ABRACON - Abracon Corporation
Szczegółowy opis 3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR

ASEK232.768KHZNJST Arkusz danych (HTML) - Abracon Corporation


ASEK232.768KHZNJST Szczegóły Produktu

FEATURES:
• 32.768kHz in 3.2 x 2.5 package
• Seam sealed assure high reliability performance
• Low current consumption
• IR-Reflow capable
• Extend temperature range available

APPLICATIONS:
• Laptop
• Digital camera
• Wireless LAN
• Bluetooth and mobile communication
• LCD
• PDA and MP3 player
• Electricity, gas and water metering




Podobny numer części - ASEK232.768KHZNJST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Abracon Corporation
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEKDVAIG ABRACON-ASEKDVAIG Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-KC-T3 ABRACON-ASEKDVAIG-32.768KHZ-KC-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-KQ-T3 ABRACON-ASEKDVAIG-32.768KHZ-KQ-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-LC-T3 ABRACON-ASEKDVAIG-32.768KHZ-LC-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
More results


Podobny opis - ASEK232.768KHZNJST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Abracon Corporation
ASDK ABRACON-ASDK Datasheet
707Kb / 2P
2.5 x 2.0 x 0.95 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
ILSI America LLC
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
TAITIEN ELECTRONICS CO....
XO-0141-OA-TYPE TAITIEN-XO-0141-OA-TYPE Datasheet
432Kb / 1P
3.2 x 2.5 mm SMD LVPECL/LVDS Crystal Oscillator
XO-0071-PX-TYPE TAITIEN-XO-0071-PX-TYPE Datasheet
377Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0072-OX-TYPE TAITIEN-XO-0072-OX-TYPE Datasheet
341Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
More results




O Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com