| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Panasonic Semiconductor |
AN26011A
|
395Kb / 16P |
LNA-IC for 800 MHz / 450 MHz Band Applications
|
|
AN26018A
|
335Kb / 14P |
LNA IC for UHF Band (400 MHz to 800 MHz) Applications
|
 Infineon Technologies A... |
BGA713L7
|
1Mb / 27P |
Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04 |
|
BGA777L7
|
729Kb / 24P |
Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009 |
 Panasonic Battery Group |
AN26011A
|
325Kb / 17P |
LNA-IC for 800MHz / 450MHz Band Applications
|
|
AN26024A
|
337Kb / 11P |
Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
|
|
AN26025A
|
335Kb / 11P |
Ultra small, Single Band LNA-IC for 5 GHz Band Applications
|
|
AN26027A
|
337Kb / 12P |
Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
|
|
AN26031A
|
393Kb / 16P |
Single Band LNA-IC for 2.5 GHz Band Applications
|
|
AN26032A
|
348Kb / 11P |
Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
|