Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CNY17FG Arkusz danych (PDF) - Siemens Semiconductor Group

CNY17FG Datasheet PDF - Siemens Semiconductor Group
Numer części CNY17FG
Pobierz  CNY17FG Pobierz
Rozmiar pliku   182.85 Kbytes
Page   4 Pages
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Szczegółowy opis single channel phototransistor optocoupler no base connection

CNY17FG Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
CNY17FG Datasheet PDF - Siemens Semiconductor Group

Numer części CNY17FG
Pobierz  CNY17FG Click to download

Rozmiar pliku   182.85 Kbytes
Page   4 Pages
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Szczegółowy opis single channel phototransistor optocoupler no base connection

CNY17FG Arkusz danych (HTML) - Siemens Semiconductor Group


CNY17FG Szczegóły Produktu

DESCRIPTION
The CNY17F/G F is an optocoupler that employs a GaAs infrared emitting diode optically coupled to a silicon planar phototransistor detector. The component is incorporated in a plastic plug-in DIP-6 package.
The coupling device is suitable for signal transmission between two electrically separated circuits. The potential difference between the circuits to be coupled is not allowed to exceed the maximum permissible reference voltages.

FEATURES
• CNY17F G Lead Bend in Accordance with VDE 0805/0806 
• 5300 Volt Breakdown Voltage
• Base Terminal not connected for improved Common Mode Interface Immunity
• High Current Transfer Ratio, 4 Groups
   CNY17F/G F-1, 40 to 80%
   CNY17F/G F-2, 63 to 125%
   CNY17F/G F-3, 100 to 200%
   CNY17F/G F-4, 160 to 320%
• Low CTR Degradation
• High Collector-Emitter Voltage  VCEO=70 V
• 100% Burn-In
• VDE Approval #0883
   VDE Approval #0884 (Optional with Option 1, add-X001 suffix)
• Conforms to VDE #0805/0806




Podobny numer części - CNY17FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
CNY17F SIEMENS-CNY17F Datasheet
210Kb / 4P
PHOTOTRANSISTOR NO BASE CONNECTION OPTOCOUPLER
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, No Base Connection
26-Oct-04
logo
List of Unclassifed Man...
CNY17F ETC2-CNY17F Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17F ETC1-CNY17F Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
08-Jan-14
More results


Podobny opis - CNY17FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
CNY17F SIEMENS-CNY17F Datasheet
210Kb / 4P
PHOTOTRANSISTOR NO BASE CONNECTION OPTOCOUPLER
MOC8111 SIEMENS-MOC8111 Datasheet
24Kb / 2P
PHOTOTRANSISTOR NO BASE CONNECTION OPTOCOUPLER
logo
Vishay Siliconix
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, No Base Connection
26-Oct-04
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
Optocoupler, Phototransistor Output, No Base Connection
11-Jan-08
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
Optocoupler, Phototransistor Output,no Base Connection
07-May-08
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
25-Oct-12
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
02-Jul-13
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
Optocoupler, Phototransistor Output, no Base Connection
08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
Optocoupler, Phototransistor Output, no Base Connection
13-Sep-11
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
Optocoupler, Phototransistor Output, no Base Connection
04-Nov-2020
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com