Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AIC431CUN Arkusz danych (PDF) - Analog Intergrations Corporation

AIC431CUN Datasheet PDF - Analog Intergrations Corporation
Numer części AIC431CUN
Pobierz  AIC431CUN Pobierz
Rozmiar pliku   194.06 Kbytes
Page   11 Pages
Producent  AIC [Analog Intergrations Corporation]
Strona internetowa  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Szczegółowy opis Adjustable Precision Shunt Regulators

AIC431CUN Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AIC431CUN Datasheet PDF - Analog Intergrations Corporation

Numer części AIC431CUN
Pobierz  AIC431CUN Click to download

Rozmiar pliku   194.06 Kbytes
Page   11 Pages
Producent  AIC [Analog Intergrations Corporation]
Strona internetowa  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Szczegółowy opis Adjustable Precision Shunt Regulators

AIC431CUN Arkusz danych (HTML) - Analog Intergrations Corporation


AIC431CUN Szczegóły Produktu

DESCRIPTION
The AIC431/TL431A/TL431 are 3-terminal adjustable precision shunt regulators with guaranteed temperature stability over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 2.495V (VREF) up to 30V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.08W. Active output circuitry provides a very sharp turn-on characteristics, making these devices excellent improved replacements for zener diodes in many applications.

FEATURES
• Unconditionally Stable.
• Precision Reference Voltage.
    AIC431 :2.495V ±0.5%
    TL431A :2.495V ±1.0%
    TL431 :2.495V ±1.6%
• Sink Current Capability: 200mA.
• Minimum Cathode Current for Regulation: 250mA.
• Equivalent Full-Range Temperature Coefficient: 50 ppm/°C.
• Fast Turn-On Response.
• Low Dynamic Output Impedance: 0.08W.
• Adjustable Output Voltage.
• Low Output Noise.
• Space Saving SOT-89, SOT-23, TO-92 and SO8 packages.




Podobny numer części - AIC431CUN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Intergrations Co...
AIC431 AIC-AIC431 Datasheet
235Kb / 14P
Adjustable Precision Shunt Regulator
AIC431 AIC-AIC431_15 Datasheet
235Kb / 14P
Adjustable Precision Shunt Regulator
More results


Podobny opis - AIC431CUN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results




O Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com