Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AKD4394 Arkusz danych (PDF) - Asahi Kasei Microsystems

AKD4394 Datasheet PDF - Asahi Kasei Microsystems
Numer części AKD4394
Pobierz  AKD4394 Pobierz
Rozmiar pliku   398.68 Kbytes
Page   21 Pages
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Szczegółowy opis EVALUATION BOARD REV.C FOR AK4394

AKD4394 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AKD4394 Datasheet PDF - Asahi Kasei Microsystems

Numer części AKD4394
Pobierz  AKD4394 Click to download

Rozmiar pliku   398.68 Kbytes
Page   21 Pages
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Szczegółowy opis EVALUATION BOARD REV.C FOR AK4394

AKD4394 Arkusz danych (HTML) - Asahi Kasei Microsystems


AKD4394 Szczegóły Produktu

GENERAL DESCRIPTION

The AK4394 is a high performance stereo DAC for the 192kHz sampling mode of DVD-Audio including a 24bit digital filter. The AK4394 introduces the advanced multi-bit system for DS modulator. This new architecture achieves the wider dynamic range, while keeping much the same superior distortion characteristics as conventional Single-Bit way. In the AK4394, the analog outputs are filtered in the analog domain by switched-capacitor filter(SCF) with high tolerance to clock jitter. The analog outputs are full differential output, so the device is suitable for hi-end applications. The digital I/F can correspond to TTL levels, so it is easy to I/F with 3.3V logic IC.



FEATURES

· 128x Oversampling

· Sampling Rate up to 192kHz

· 24Bit 8x Digital Filter (Slow-roll-off option) Ripple: ±0.005dB, Attenuation: 75dB

· High Tolerance to Clock Jitter

· Low Distortion Differential Output

· Digital de-emphasis for 32, 44.1, 48 & 96kHz sampling

· Soft Mute

· THD+N: -100dB

· DR, S/N: 120dB

· I/F format : MSB justified, 16/20/24bit LSB justified, I2S

· Master Clock: Normal Speed: 256fs, 384fs, 512fs or 768fs

                    Double Speed: 128fs, 192fs, 256fs or 384fs

                    Quad Speed: 128fs or 192fs

· Power Supply: 5V±5%

· TTL Level Digital I/F

· Small Package: 28pin VSOP

· Pin Compatible with AK4393



 




Podobny numer części - AKD4394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AKD4394 AKM-AKD4394 Datasheet
299Kb / 26P
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AKD4394 AKM-AKD4394 Datasheet
531Kb / 32P
192kHz sampling 24Bit ?誇 DAC.
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
192kHz sampling 24Bit ?誇 DAC.
More results


Podobny opis - AKD4394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
EVALUATION BOARD REV.C FOR AK4393
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
EVALUATION BOARD REV.C FOR AK4395
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
EVALUATION BOARD FOR AK4528 REV.C
AKD4550 AKM-AKD4550 Datasheet
845Kb / 22P
EVALUATION BOARD REV.C FOR AK4550
AKD4551 AKM-AKD4551 Datasheet
110Kb / 17P
EVALUATION BOARD REV.C FOR AK4551
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Asahi Kasei Microsystem...
AKD4588 AKM-AKD4588 Datasheet
587Kb / 46P
Evaluation board Rev.C for AK4588
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com