Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TRC103 Arkusz danych (PDF) - Murata Manufacturing Co., Ltd.

TRC103 Datasheet PDF - Murata Manufacturing Co., Ltd.
Numer części TRC103
Pobierz  TRC103 Pobierz
Rozmiar pliku   567.25 Kbytes
Page   65 Pages
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Szczegółowy opis 863-960 MHz RF Transceiver

TRC103 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TRC103 Datasheet PDF - Murata Manufacturing Co., Ltd.

Numer części TRC103
Pobierz  TRC103 Click to download

Rozmiar pliku   567.25 Kbytes
Page   65 Pages
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Szczegółowy opis 863-960 MHz RF Transceiver

TRC103 Arkusz danych (HTML) - Murata Manufacturing Co., Ltd.


TRC103 Szczegóły Produktu

Product Overview
TRC103 is a single chip, multi-channel, low power UHF transceiver. It is designed for low cost, high volume, two-way short range wireless applications in the 863-870, 902-928 and 950-960 MHz frequency bands. The TRC103 is FCC & ETSI certifiable. All critical RF and base-band functions are integrated in the TRC103, minimizing external component count and simplifying and speeding design-ins. A microcontroller, RF SAW filter, 12.8 MHz crystal and a few passive components are all that is needed to create a complete, robust radio function.

Key Features
 • Modulation: FSK or OOK with frequency hopping and DTS spread spectrum capability
 • Frequency ranges: 863-870, 902-928 and 950-960 MHz
 • High sensitivity: -112 dBm in circuit
 • High data rate: up to 200 kb/s
 • Low receiver current: 3.3 mA typical
 • Low sleep current: 0.1 µA typical
 • Up to +11 dBm in-circuit transmit power
 • Operating supply voltage: 2.1 to 3.6 V
 • Programmable preamble
 • Programmable packet start pattern
 • Integrated RF, PLL, IF and base-band circuitry
 • Integrated data & clock recovery
 • Programmable RF output power
 • PLL lock output
 • Transmit/receive FIFO size programmable up to 64 bytes
 • Continuous, Buffered and Packet data modes
 • Packet address recognition
 • Packet handling features:
     • Fixed or variable packet length
     • Packet filtering
     • Packet formatting
 • Standard SPI interface
 • TTL/CMOS compatible I/O pins
 • Programmable clock output frequency
 • Low cost 12.8 MHz crystal reference
 • Integrated RSSI
 • Integrated crystal oscillator
 • Host processor interrupt pins
 • Programmable data rate
 • External wake-up event inputs
 • Integrated packet CRC error detection
 • Integrated DC-balanced data scrambling
 • Integrated Manchester encoding/decoding
 • Interrupt signal mapping function
 • Support for multiple channels
 • Four power-saving modes
 • Low external component count
 • Small 32-pin QFN plastic package
 • Standard 13 inch reel, 3K pieces

Applications
 • Active RFID tags
 • Automated meter reading
 • Home & industrial automation
 • Security systems
 • Two-way remote keyless entry
 • Automobile immobilizers
 • Sports performance monitoring
 • Wireless toys
 • Medical equipment
 • Low power two-way telemetry systems
 • Wireless mesh sensor networks
 • Wireless modules




Podobny numer części - TRC103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
TRC103 RFM-TRC103 Datasheet
566Kb / 65P
863-960 MHz RF Transceiver
More results


Podobny opis - TRC103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SD1398 STMICROELECTRONICS-SD1398 Datasheet
72Kb / 6P
RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
08-Sep-1993
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
900 MHz RF Transceiver
logo
Motorola, Inc
MHVIC910HR2 MOTOROLA-MHVIC910HR2 Datasheet
222Kb / 12P
921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
logo
Freescale Semiconductor...
MHVIC910HNR2 FREESCALE-MHVIC910HNR2 Datasheet
337Kb / 12P
921 MHz-960 MHz SiFET RF Integrated Power Amplifier
logo
Texas Instruments
CC1100E TI-CC1100E Datasheet
2Mb / 98P
Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz)
logo
RF Monolithics, Inc
TRC103 RFM-TRC103 Datasheet
566Kb / 65P
863-960 MHz RF Transceiver
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP2012090GET WALSIN-RFDIP2012090GET Datasheet
579Kb / 7P
698~960 MHz & 1710~2690 MHz Band RF Application
logo
NXP Semiconductors
MHVIC910HNR2 NXP-MHVIC910HNR2 Datasheet
770Kb / 12P
921 MHz--960 MHz SiFET RF Integrated Power Amplifier
Rev. 9, 5/2006
More results




O Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. to japońska międzynarodowa firma elektroniczna z siedzibą w Nagaokakyo, Kioto, Japonia.
Firma została założona w 1944 roku i od tego czasu stała się wiodącym producentem komponentów elektronicznych, w tym kondensatorów ceramicznych, modułów komunikacji bezprzewodowej i czujników.
Murata oferuje również szeroką gamę innych produktów i rozwiązań, takich jak systemy zarządzania akumulatorami, zasilacze i systemy pozyskiwania energii.
Firma działa na całym świecie i ma silną reputację jakości i innowacji w branży elektronicznej.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com