Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E1341-01 Arkusz danych (PDF) - Hamamatsu Corporation

E1341-01 Datasheet PDF - Hamamatsu Corporation
Numer części E1341-01
Pobierz  E1341-01 Pobierz
Rozmiar pliku   144.6 Kbytes
Page   1 Pages
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Szczegółowy opis Housings, Power and Signal Cables, Connector Adapters

E1341-01 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
E1341-01 Datasheet PDF - Hamamatsu Corporation

Numer części E1341-01
Pobierz  E1341-01 Click to download

Rozmiar pliku   144.6 Kbytes
Page   1 Pages
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Szczegółowy opis Housings, Power and Signal Cables, Connector Adapters

E1341-01 Arkusz danych (HTML) - Hamamatsu Corporation


E1341-01 Szczegóły Produktu

Housing E1341-01 (For E5859 series socket assemblies)
The E1341-01 is a metal housing designed for 51 mm (2") diameter head-on photomultiplier tubes operated at room temperature. The E1341-01 ensures complete light-shielding and also accommodates a magnetic shield case (E989-62 sold separately).
The E1341-01 housing can be easily attached to a monochromator by preparing a simple adapter. The Copal No. 3 shutter can be directly attached to the E1341-01.

Power and Signal Cables E1168 Series, Connector Adapters A4184 Series
Hamamatsu offers the E1168 series cables for connection of photomultiplier tube assemblies and their accessories. A variety of cables are available, for handling high voltage, low voltage and signals.
In addition, Hamamatsu also provides the A4184 series connector adapters designed for SHV/MHV connector conversion.




Podobny numer części - E1341-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
E134 MPD-E134 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
E134I MPD-E134I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results


Podobny opis - E1341-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
List of Unclassifed Man...
DRRJ45T8 ETC2-DRRJ45T8 Datasheet
462Kb / 2P
RJ ADAPTERS CABLES
logo
Balluff Korea Ltd.
BAE002E BALLUFF-BAE002E Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE002H BALLUFF-BAE002H Datasheet
118Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002J BALLUFF-BAE002J Datasheet
117Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002K BALLUFF-BAE002K Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.41_2021-12-17
BAE002M BALLUFF-BAE002M Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.42_2021-12-17
BAE002N BALLUFF-BAE002N Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE011H BALLUFF-BAE011H Datasheet
101Kb / 2P
Comm. Adapters, Signal Conv.
0.36_2021-12-15
BAE011J BALLUFF-BAE011J Datasheet
100Kb / 2P
Comm. Adapters, Signal Conv.
0.34_2021-10-29
More results




O Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com