Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G8941 Arkusz danych (PDF) - Hamamatsu Corporation

G8941 Datasheet PDF - Hamamatsu Corporation
Numer części G8941
Pobierz  G8941 Pobierz
Rozmiar pliku   139.93 Kbytes
Page   3 Pages
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Szczegółowy opis InGaAs PIN photodiode

G8941 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
G8941 Datasheet PDF - Hamamatsu Corporation

Numer części G8941
Pobierz  G8941 Click to download

Rozmiar pliku   139.93 Kbytes
Page   3 Pages
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Szczegółowy opis InGaAs PIN photodiode

G8941 Arkusz danych (HTML) - Hamamatsu Corporation


G8941 Szczegóły Produktu

Sub-mount type photodiodes for LD monitor

Features
► Photosensitive area
    G8941-01: ϕ1 mm
    G8941-02: ϕ0.5 mm
    G8941-03: ϕ0.3 mm
► Miniature package: 2 × 2 × 1 mm
► Precise chip position tolerance: ±0.075 mm

Applications
► LD monitor




Podobny numer części - G8941

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
G8941-01 HAMAMATSU-G8941-01 Datasheet
147Kb / 3P
InGaAs PIN photodiode
G8941-02 HAMAMATSU-G8941-02 Datasheet
147Kb / 3P
InGaAs PIN photodiode
G8941-03 HAMAMATSU-G8941-03 Datasheet
147Kb / 3P
InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_15 Datasheet
217Kb / 4P
InGaAs PIN photodiodes
More results


Podobny opis - G8941

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
InGaAs PIN photodiode
G8370-81 HAMAMATSU-G8370-81 Datasheet
109Kb / 3P
InGaAs PIN photodiode
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
InGaAs PIN photodiode
G9230-01 HAMAMATSU-G9230-01_04 Datasheet
94Kb / 2P
InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
InGaAs PIN photodiode
G11777 HAMAMATSU-G11777_15 Datasheet
626Kb / 4P
InGaAs PIN photodiode
More results




O Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com