Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMCJ_5.0_188CA Arkusz danych (PDF) - Bruckewell Technology LTD

SMCJ_5.0_188CA Datasheet PDF - Bruckewell Technology LTD
Numer części SMCJ_5.0_188CA
Pobierz  SMCJ_5.0_188CA Pobierz
Rozmiar pliku   593.2 Kbytes
Page   7 Pages
Producent  BWTECH [Bruckewell Technology LTD]
Strona internetowa  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Szczegółowy opis Stand-off Voltage 5.0 to 188V

SMCJ_5.0_188CA Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SMCJ_5.0_188CA Datasheet PDF - Bruckewell Technology LTD

Numer części SMCJ_5.0_188CA
Pobierz  SMCJ_5.0_188CA Click to download

Rozmiar pliku   593.2 Kbytes
Page   7 Pages
Producent  BWTECH [Bruckewell Technology LTD]
Strona internetowa  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Szczegółowy opis Stand-off Voltage 5.0 to 188V

SMCJ_5.0_188CA Arkusz danych (HTML) - Bruckewell Technology LTD




Podobny numer części - SMCJ_5.0_188CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dc Components
SMCJ15 DCCOM-SMCJ15 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMCJ15 GE-SMCJ15 Datasheet
103Kb / 5P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ15 MCC-SMCJ15 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
logo
Microsemi Corporation
SMCJ15 MICROSEMI-SMCJ15 Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCJ15 MICROSEMI-SMCJ15 Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
More results


Podobny opis - SMCJ_5.0_188CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
Stand-off Voltage 5.0 to 188V
3.0SMCJ5.0_220A BWTECH-3.0SMCJ5.0_220A Datasheet
595Kb / 7P
Stand-off Voltage : 5.0 to 220V
logo
List of Unclassifed Man...
L13ESD5V0CE2 ETC2-L13ESD5V0CE2 Datasheet
138Kb / 5P
STAND-OFF VOLTAGE - 5.0 Volts
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com