Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL-S28C-12 Arkusz danych (PDF) - BetLux Electronics

BL-S28C-12 Datasheet PDF - BetLux Electronics
Numer części BL-S28C-12
Pobierz  BL-S28C-12 Pobierz
Rozmiar pliku   336.15 Kbytes
Page   6 Pages
Producent  BETLUX [BetLux Electronics]
Strona internetowa  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Szczegółowy opis 7.0mm (0.28) Single digit numeric display series

BL-S28C-12 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
BL-S28C-12 Datasheet PDF - BetLux Electronics

Numer części BL-S28C-12
Pobierz  BL-S28C-12 Click to download

Rozmiar pliku   336.15 Kbytes
Page   6 Pages
Producent  BETLUX [BetLux Electronics]
Strona internetowa  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Szczegółowy opis 7.0mm (0.28) Single digit numeric display series

BL-S28C-12 Arkusz danych (HTML) - BetLux Electronics




Podobny numer części - BL-S28C-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BetLux Electronics
BL-S28C-11 BETLUX-BL-S28C-11 Datasheet
307Kb / 5P
7.0mm (0.28) Single digit Seven Segment LED display series
REV NO: V.2
BL-S28C-11B BETLUX-BL-S28C-11B Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S28C-11D-00 BETLUX-BL-S28C-11D-00 Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S28C-11D-01 BETLUX-BL-S28C-11D-01 Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S28C-11D-02 BETLUX-BL-S28C-11D-02 Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
More results


Podobny opis - BL-S28C-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BRIGHT LED ELECTRONICS ...
BD-F286RD BRIGHT-BD-F286RD Datasheet
144Kb / 3P
0.28(7.0mm) DUAL DIGIT LED DISPLAY
logo
SunLED Corporation
DMR07C2-1 SUNLED-DMR07C2-1 Datasheet
190Kb / 4P
7mm (0.28) DUAL DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BD-E284RD BRIGHT-BD-E284RD Datasheet
170Kb / 3P
0.28"(7.0mm) DUAL DIGIT DISPLAY
BD-F284RD BRIGHT-BD-F284RD Datasheet
148Kb / 3P
0.28"(7.0mm) DUAL DIGIT DISPLAY
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-281C AVAGO-HDSM-281C Datasheet
216Kb / 9P
0.28??(7.0mm) Single digit surface mount LED display
logo
BetLux Electronics
BL-S28A-11 BETLUX-BL-S28A-11 Datasheet
378Kb / 5P
7.0mm (0.28) Single digit Seven Segment LED display series
REV NO: V.3
BL-S28A-12 BETLUX-BL-S28A-12 Datasheet
333Kb / 5P
7.0mm (0.28) Single digit numeric display series
REV NO: V.3
BL-S28C-11 BETLUX-BL-S28C-11 Datasheet
307Kb / 5P
7.0mm (0.28) Single digit Seven Segment LED display series
REV NO: V.2
logo
Inolux Corporation
HNSS28 INOLUX-HNSS28 Datasheet
10Mb / 18P
0.28 Single Digit Numeric SMD Display
HNTQ28 INOLUX-HNTQ28 Datasheet
1Mb / 17P
0.28 Four Digit Numeric Display
More results




O BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com