Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZ832P Arkusz danych (PDF) - ZETTLER Electronics

AZ832P Datasheet PDF - ZETTLER Electronics
Numer części AZ832P
Pobierz  AZ832P Pobierz
Rozmiar pliku   50.17 Kbytes
Page   2 Pages
Producent  ZETTLER [ZETTLER Electronics]
Strona internetowa  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Szczegółowy opis POLARIZED DIP RELAY BISTABLE (LATCHING)

AZ832P Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AZ832P Datasheet PDF - ZETTLER Electronics

Numer części AZ832P
Pobierz  AZ832P Click to download

Rozmiar pliku   50.17 Kbytes
Page   2 Pages
Producent  ZETTLER [ZETTLER Electronics]
Strona internetowa  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Szczegółowy opis POLARIZED DIP RELAY BISTABLE (LATCHING)

AZ832P Arkusz danych (HTML) - ZETTLER Electronics


AZ832P Szczegóły Produktu

FEATURES

• High sensitivity, 42 mW pickup

• Low profile DIP package

• Meets FCC Part 68.302 1500 V lightning surge

• Meets FCC Part 68.304 1000 V dielectric

• Single and dual coil versions

• DC coils to 24 VDC

• High switching capacity, 60 W, 250 VA

• Fits standard 16 pin IC socket

• Epoxy sealed for automatic wave soldering and cleaning

• UL, CUR file E43203




Podobny numer części - AZ832P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P1-2C-12DE ETC1-AZ832P1-2C-12DE Datasheet
52Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ832P1-2C-12DE AZETTLER-AZ832P1-2C-12DE Datasheet
126Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P1-2C-12DSE ETC1-AZ832P1-2C-12DSE Datasheet
52Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Podobny opis - AZ832P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
industrial bistable (latching) power relay
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com