Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ILA1062 Arkusz danych (PDF) - IK Semicon Co., Ltd

ILA1062 Datasheet PDF - IK Semicon Co., Ltd
Numer części ILA1062
Pobierz  ILA1062 Pobierz
Rozmiar pliku   239.81 Kbytes
Page   11 Pages
Producent  IKSEMICON [IK Semicon Co., Ltd]
Strona internetowa  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Szczegółowy opis Provides a supply for external circuits

ILA1062 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ILA1062 Datasheet PDF - IK Semicon Co., Ltd

Numer części ILA1062
Pobierz  ILA1062 Click to download

Rozmiar pliku   239.81 Kbytes
Page   11 Pages
Producent  IKSEMICON [IK Semicon Co., Ltd]
Strona internetowa  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Szczegółowy opis Provides a supply for external circuits

ILA1062 Arkusz danych (HTML) - IK Semicon Co., Ltd


ILA1062 Szczegóły Produktu

DESCRIPTION
The ILA1062 and ILA1062A are integrated circuits that perform all speech and line interface functions required in fully electronic telephone sets. They perform electronic switching between dialing and speech. The ICs operates at line voltage down to 1.6 V DC (with reduced performance) to facilitate the use of more telephone sets connected in parallel. All statements and values refer to all versions unless otherwise specified. The ILA1062 (ILA1062A) is packaged in a standard 16-pin plastic DIP and special plastic DIP with internal heatsink is also available.

FEATURES
• Low DC line voltage; operates down to 1.6V (excluding polarity guard)
• Voltage regulator with adjustable static resistance
• Provides a supply for external circuits
• Symmetrical high-impedance inputs (64 kΩ) for dynamic, magnetic or piezo-electric microphones
• Asymmetrical high-impedance input (32 kΩ) for electrets microphones
• DTMF signal input with confidence tone
• Mute input for pulse or DTMF dialing
    - ILA1062: active HIGH (MUTE)
    - ILA1062A: active LOW (MUTE)
• Receiving amplifier for dynamic, magnetic or piezo-electric earpieces
• Large gain setting range on microphone and earpiece amplifiers
• Line loss compensation (line current dependent) for microphone and earpiece amplifiers
• Gain control curve adaptable to exchange supply
• DC line voltage adjustment facility




Podobny numer części - ILA1062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
ILA1062A INTEGRAL-ILA1062A Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results


Podobny opis - ILA1062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
WT7515 ETC-WT7515 Datasheet
64Kb / 2P
provides protection circuits
logo
Microsemi Corporation
IN6461 MICROSEMI-IN6461 Datasheet
68Kb / 2P
HIGH SUGRE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
logo
Advanced Monolithic Sys...
AMS494 AMS-AMS494 Datasheet
190Kb / 7P
Internal regulator provides a stable 5V reference supply
AMS7500 AMS-AMS7500 Datasheet
198Kb / 7P
Internal regulator provides a stable 5V reference supply trimmed to 5%
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
STMicroelectronics
P-NUCLEO-USB001 STMICROELECTRONICS-P-NUCLEO-USB001 Datasheet
484Kb / 7P
A power connector to interface with external power supply
15-Feb-2017
logo
Beckhoff Automation Gmb...
CX2100-0914 BECKHOFF-CX2100-0914 Datasheet
141Kb / 2P
Power supply unit for external UPS for CX20xx
logo
Ultralife Corporation.
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com