| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Analog Devices |
AD8010
|
164Kb / 12P |
200 mA Output Current High Speed Amplifier
REV.A |
|
AD8010_2000
|
188Kb / 12P |
200 mA Output Current High-Speed Amplifier
REV. B |
 Texas Instruments |
LM3407
|
370Kb / 18P |
LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
|
|
LP2989IM-3.3
|
1Mb / 19P |
Ultra low dropout voltage, Guaranteed 500 mA continuous output current
|
|
TPS62736
|
1Mb / 35P |
Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
|
|
TPS62736
|
1Mb / 36P |
Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
|
 STMicroelectronics |
L79L05ABZ-AP
|
717Kb / 27P |
Output current up to 100 mA
29-Jul-2009 |
 Analog Devices |
AD8010
|
189Kb / 12P |
200 mA Output Current High-Speed Amplifier
REV. B |
 Texas Instruments |
REG710-25
|
1Mb / 32P |
REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
|
 Rohm |
BD42500G-C
|
1Mb / 26P |
50 mA Output Voltage Tracker
|