Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZ431ARATRG1 Arkusz danych (PDF) - Diodes Incorporated

AZ431ARATRG1 Datasheet PDF - Diodes Incorporated
Numer części AZ431ARATRG1
Pobierz  AZ431ARATRG1 Pobierz
Rozmiar pliku   448.49 Kbytes
Page   21 Pages
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Szczegółowy opis ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431ARATRG1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AZ431ARATRG1 Datasheet PDF - Diodes Incorporated

Numer części AZ431ARATRG1
Pobierz  AZ431ARATRG1 Click to download

Rozmiar pliku   448.49 Kbytes
Page   21 Pages
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Szczegółowy opis ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431ARATRG1 Arkusz danych (HTML) - Diodes Incorporated


AZ431ARATRG1 Szczegóły Produktu

Description
The AZ431-A is a three-terminal adjustable shunt regulator with guaranteed thermal stability over a full operation range. It features sharp turn-on characteristics, low temperature coefficient and low output impedance, which make it ideal substitute for Zener diode in applications such as switching power supply, charger and other adjustable regulators.
The output voltage of AZ431-A can be set to any value between VREF (2.5V) and the corresponding maximum cathode voltage (36V).
The AZ431-A precision reference is offered in two voltage tolerance: 0.4% and 0.8%.
This IC is available in 3 packages: TO92 (Bulk or Ammo Packing), SOT23 and SOT89.

Features
● Programmable Precise Output Voltage from 2.5V to 36V
● High Stability under Capacitive Load
● Low Temperature Deviation: 4.5mV Typical
● Low Equivalent Full-range Temperature Coefficient with 20PPM/°C Typical
● Sink Current Capacity from 1mA to 100mA
● Low Output Noise
● Wide Operating Range of -40 to +125°C
● Lead-Free Packages: TO92, SOT23, SOT89
● Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
● Lead-Free Packages, Available in “Green” Molding Compound: TO92, SOT23
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)

Applications
● Charger
● Voltage Adapter
● Switching Power Supply
● Graphic Card
● Precision Voltage Reference




Podobny numer części - AZ431ARATRG1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZ431ARATR BCDSEMI-AZ431ARATR Datasheet
186Kb / 20P
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431ARATRE1 BCDSEMI-AZ431ARATRE1 Datasheet
186Kb / 20P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Podobny opis - AZ431ARATRG1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results




O Diodes Incorporated


Diodes Incorporated to spółka giełdowa, która projektuje, produkuje i dostarcza szeroką gamę półprzewodników dyskretnych, analogowych i mieszanych i kompletnych rozwiązań energetycznych.
Firma została założona w 1964 roku i ma siedzibę w Plano w Teksasie.
Działa globalnie z centrami sprzedaży, wsparcia i projektowania w Ameryce Północnej, Europie i Azji.
Diody Incorporated obsługują różne branże, w tym motoryzację, komunikację, komputer, konsumencki i przemysłowy.
Firma oferuje szeroką gamę produktów, w tym między innymi diody, prostowniki, tranzystory, regulatory napięcia, MOSFET, sterowniki LED i urządzenia ochronne.
Misją firmy jest zapewnienie klientom wysokiej jakości produktów i doskonałej obsługi klienta.
Koncentrując się na innowacjach i satysfakcji klientów, Diodes Incorporated jest zaangażowany w bycie wiodącym dostawcą rozwiązań do zarządzania energią.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com