Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R1513S Arkusz danych (PDF) - RICOH electronics devices division

R1513S Datasheet PDF - RICOH electronics devices division
Numer części R1513S
Pobierz  R1513S Pobierz
Rozmiar pliku   1064.12 Kbytes
Page   23 Pages
Producent  RICOH [RICOH electronics devices division]
Strona internetowa  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Szczegółowy opis Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)

R1513S Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
R1513S Datasheet PDF - RICOH electronics devices division

Numer części R1513S
Pobierz  R1513S Click to download

Rozmiar pliku   1064.12 Kbytes
Page   23 Pages
Producent  RICOH [RICOH electronics devices division]
Strona internetowa  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Szczegółowy opis Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)

R1513S Arkusz danych (HTML) - RICOH electronics devices division


R1513S Szczegóły Produktu

OUTLINE
The R1513S is a CMOS-based voltage regulator (VR) featuring 300 mA output current and 36 V input voltage. Internally, the R1513S consists of a fold-back protection circuit, a short current protection circuit and a thermal shutdown circuit in addition to the basic regulator circuit.
The performance is specified for 25°C with ±0.8% output voltage accuracy and for the −40°C to 125°C temperature range with ±1.0% output voltage accuracy. The operating temperature range is −40°C to 125°C and the maximum input voltage is 36 V. All these features allow the R1513S to become an ideal power source of electric home appliances.
The R1513S is available in 1.2 V, 1.5 V, 1.8 V, 3.3 V, 3.4 V and 5.0 V fixed output voltage options. By using external divider resistors, the output voltage can be set over a 1.2 V to 18.0 V range. The R1513S is offered in a 6-pin HSOP-6J high wattage package.

FEATURES
● Input Voltage (Maximum Ratings)················· 3.5 V to 36 V (50 V)
● Operating Temperature Range····················· −40°C to 125°C
● Supply Current········································· Typ. 75 µA
● Standby Current ······································· Typ. 0.1 µA
● Dropout Voltage ······································· Typ. 0.32 V (IOUT = 300 mA, VOUT = 5.0 V)
● Output Voltage Accuracy ···························· ±0.8% (Ta = 25°C)
                                                                               ±1.0% (−40°C to 125°C)
● Line Regulation ········································ Typ. 0.01%/V (VDD = VOUT + 1 V to 36 V)
● Package Type ·········································· HSOP-6J
● Output Voltage ········································· 1.2 V / 1.5 V / 1.8 V / 3.3 V / 3.4 V / 5.0 V
● Short-current Protection Circuit···················· Current Limit Typ. 50 mA
● Fold-back Protection Circuit ························ Current Limit Typ. 450 mA
● Thermal Shutdown Circuit··························· Shutdown at Typ. 160°C
● Ripple Rejection ······································· Typ. 70 dB (f = 100 Hz)
● Ceramic Capacitor Compatible ···················· C1 = 1.0 μF or more, C2 = 4.7 μF or more

APPLICATIONS
● Power source for home appliances such as refrigerators, rice cookers, and electric hot-water pot.
● Power source for notebook PCs, digital TVs, cordless phones, and private LAN system.
● Power source for office equipment machines such as copiers, printers, facsimiles, scanners, and projectors.




Podobny numer części - R1513S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nisshinbo Micro Devices...
R1513S NISSHINBO-R1513S Datasheet
925Kb / 23P
36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S-Y NISSHINBO-R1513S-Y Datasheet
971Kb / 23P
36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S121B NISSHINBO-R1513S121B Datasheet
925Kb / 23P
36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S121B NISSHINBO-R1513S121B Datasheet
971Kb / 23P
36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S121D NISSHINBO-R1513S121D Datasheet
925Kb / 23P
36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
More results


Podobny opis - R1513S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
logo
RICOH electronics devic...
R1517 RICOH-R1517 Datasheet
950Kb / 38P
Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
April 1, 2012
R5112 RICOH-R5112 Datasheet
1Mb / 34P
Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
April 1, 2012
R1524 RICOH-R1524 Datasheet
2Mb / 32P
Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
April 1, 2012
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
LM63615-Q1 TI1-LM63615-Q1 Datasheet
208Kb / 6P
3.5-V to 36-V, 2.5-A Step-down voltage converter with spread spectrum
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com