Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MGA-83563 Arkusz danych (PDF) - AVAGO TECHNOLOGIES LIMITED

MGA-83563 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Numer części MGA-83563
Pobierz  MGA-83563 Pobierz
Rozmiar pliku   325.67 Kbytes
Page   22 Pages
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Szczegółowy opis Lead-free Option Available

MGA-83563 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
MGA-83563 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Numer części MGA-83563
Pobierz  MGA-83563 Click to download

Rozmiar pliku   325.67 Kbytes
Page   22 Pages
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Szczegółowy opis Lead-free Option Available

MGA-83563 Arkusz danych (HTML) - AVAGO TECHNOLOGIES LIMITED


MGA-83563 Szczegóły Produktu

Description
Avago’s MGA-83563 is an easy-to-use GaAs RFIC amplifier that offers excellent power output and efficiency. This part is targeted for 3V applications where constant-envelope modulation is used. The output of the amplifier is matched internally to 50Ω. However, an external match can be added for maximum efficiency and power out (PAE = 37%, Po = 22 dBm). The input is easily matched to 50 Ω.

Features
• Lead-free Option Available
• +22 dBm PSAT at 2.4 GHz, 3.0 V
   +23 dBm PSAT at 2.4 GHz, 3.6V
• 22 dB Small Signal Gain at 2.4 GHz
• Wide Frequency Range 0.5 to 6 GHz
• Single 3V Supply
• 37% Power Added Efficiency
• Ultra Miniature Package

Applications
• Amplifier for Driver and Output Applications




Podobny numer części - MGA-83563

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
MGA-83563-BLK HP-MGA-83563-BLK Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-BLKG AVAGO-MGA-83563-BLKG Datasheet
325Kb / 22P
22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
logo
Agilent(Hewlett-Packard...
MGA-83563-TR1 HP-MGA-83563-TR1 Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-TR1G AVAGO-MGA-83563-TR1G Datasheet
325Kb / 22P
22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
MGA-83563-TR2G AVAGO-MGA-83563-TR2G Datasheet
325Kb / 22P
22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
More results


Podobny opis - MGA-83563

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTS3401 DINTEK-DTS3401 Datasheet
417Kb / 8P
Halogen-free Option Available
logo
AVAGO TECHNOLOGIES LIMI...
MGA-81563 AVAGO-MGA-81563 Datasheet
185Kb / 11P
0.1?? GHz 3 V, 14 dBm Amplifier Lead-free Option Available
MGA-53589 AVAGO-MGA-53589 Datasheet
677Kb / 16P
50MHz to 3GHz High Linear Amplifier Lead-free Option Available
logo
Intersil Corporation
ICL3243CAZ-T INTERSIL-ICL3243CAZ-T Datasheet
656Kb / 28P
Pb-Free Plus Anneal Available as an Option
March 1, 2006
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
Lead free, RoHS compliant construction available
logo
AVAGO TECHNOLOGIES LIMI...
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
Lead-free Option Available
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
Lead-free Option Available
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
Lead-free Option Available
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
Lead-free Option Available
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com