Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGA-4463 Arkusz danych (PDF) - List of Unclassifed Manufacturers

SGA-4463 Datasheet PDF - List of Unclassifed Manufacturers
Numer części SGA-4463
Pobierz  SGA-4463 Pobierz
Rozmiar pliku   238.95 Kbytes
Page   4 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4463 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SGA-4463 Datasheet PDF - List of Unclassifed Manufacturers

Numer części SGA-4463
Pobierz  SGA-4463 Click to download

Rozmiar pliku   238.95 Kbytes
Page   4 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4463 Arkusz danych (HTML) - List of Unclassifed Manufacturers


SGA-4463 Szczegóły Produktu

[Stanford-Microdevices]

Product Description
Stanford Microdevices SGA-4463 is a high performance SiGe HBT MMIC Amplifier. A Darlington configuration featuring 1 micron emitters provides high FT and excellent thermal perfomance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products.

Product Features
• High Gain : 17 dB at 1950 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• Cellular, PCS, CDPD
• Wireless Data, SONET
• Satellite




Podobny numer części - SGA-4463

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stanford Microdevices
SGA-4463 STANFORD-SGA-4463 Datasheet
406Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463Z SIRENZA-SGA-4463Z Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Podobny opis - SGA-4463

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SGA-6489 ETC-SGA-6489 Datasheet
259Kb / 4P
DC 3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4263 ETC-SGA-4263 Datasheet
259Kb / 4P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4263 STANFORD-SGA-4263 Datasheet
407Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4463 STANFORD-SGA-4463 Datasheet
406Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4263 SIRENZA-SGA-4263 Datasheet
253Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5486 SIRENZA-SGA-5486 Datasheet
89Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6489 SIRENZA-SGA-6489 Datasheet
95Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6589 SIRENZA-SGA-6589 Datasheet
90Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Qorvo, Inc
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com