| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 List of Unclassifed Man... |
SA1070
|
583Kb / 2P |
TDMA 8-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
|
|
SA1056
|
231Kb / 2P |
CDMA 1.5-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
|
 ANADIGICS, Inc |
AWB7123
|
532Kb / 9P |
1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
Rev 1.3 |
|
AWB7127
|
647Kb / 9P |
2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
Rev 2.1 |
|
AWB7128
|
718Kb / 9P |
2.545 GHz through 2.69 GHz Small-Cell Power Amplifier Module
Rev 1.3 |
|
AWB7221
|
809Kb / 9P |
2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
Rev 1.1 |
|
AWB7223R
|
610Kb / 9P |
1.930 -1.995 GHz Small-Cell Power Amplifier Module
Rev 1.5 |
|
AWB7227
|
648Kb / 9P |
2.11-2.17 GHz Small-Cell Power Amplifier Module
Rev 1.6 |
 Skyworks Solutions Inc. |
AWB7127
|
793Kb / 10P |
2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
|
|
AWB7223
|
766Kb / 10P |
1.930 -1.995 GHz Small-Cell Power Amplifier Module
|