| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Tyco Electronics |
MAFRIN0436
|
183Kb / 3P |
Ultra Low Loss Isolator 860 MHz - 894 MHz
|
 ANADIGICS, Inc |
AWB7125
|
593Kb / 9P |
860 MHz to 894 MHz Small-Cell Power Amplifier Module
Rev 1.1 |
|
AWB7225
|
632Kb / 9P |
860 - 894 MHz Small-Cell Power Amplifier Module
Rev 0.1 |
|
AWB7122
|
738Kb / 9P |
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3 |
|
AWB7124
|
712Kb / 9P |
728 MHz to 768 MHz Small-Cell Power Amplifier Module
Rev 1.2 |
|
AWB7129
|
683Kb / 9P |
925 MHz to 960 MHz Small-Cell Power Amplifier Module
Rev 1.1 |
|
AWB7224
|
777Kb / 9P |
728 - 768 MHz Small-Cell Power Amplifier Module
Rev 1.1 |
 Skyworks Solutions Inc. |
AWB7122
|
779Kb / 10P |
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
|
|
AWB7138
|
676Kb / 9P |
791 to 821 MHz Small-Cell Power Amplifier Module
May 8, 2019 |
|
AWB7238
|
540Kb / 9P |
791 to 821 MHz Small-Cell Power Amplifier Module
July 28, 2017 |