Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS6UA25616 Arkusz danych (PDF) - List of Unclassifed Manufacturers

AS6UA25616 Datasheet PDF - List of Unclassifed Manufacturers
Numer części AS6UA25616
Pobierz  AS6UA25616 Pobierz
Rozmiar pliku   190.83 Kbytes
Page   9 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis 2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable

AS6UA25616 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AS6UA25616 Datasheet PDF - List of Unclassifed Manufacturers

Numer części AS6UA25616
Pobierz  AS6UA25616 Click to download

Rozmiar pliku   190.83 Kbytes
Page   9 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis 2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable

AS6UA25616 Arkusz danych (HTML) - List of Unclassifed Manufacturers


AS6UA25616 Szczegóły Produktu

[Alliance]

Functional description
The AS6UA25616 is a low-power CMOS 4,194,304-bit Static Random Access Memory (SRAM) device organized as 262,144 words x 16 bits. It is designed for memory applications where slow data access, low power, and simple interfacing are desired.

‘Features
• AS6UA25616
• Intelliwatt™ active power circuitry
• Industrial and commercial temperature ranges available
• Organization: 262,144 words x 16 bits
• 2.7V to 3.6V at 55 ns
• 2.3V to 2.7V at 70 ns
• Low power consumption: ACTIVE
    - 114 mW at 3.6V and 55 ns
    - 68 mW at 2.7V and 70 ns
• Low power consumption: STANDBY
    - 72 µW max at 3.6V
    - 41 µW max at 2.7V
• 1.2V data retention
• Equal access and cycle times
• Easy memory expansion with CS, OE inputs
• Smallest footprint packages
    - 48-ball FBGA
    - 400-mil 44-pin TSOP II
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Podobny numer części - AS6UA25616

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-BC ALSC-AS6UA51216-BC Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-BI ALSC-AS6UA51216-BI Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-TC ALSC-AS6UA51216-TC Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-TI ALSC-AS6UA51216-TI Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
More results


Podobny opis - AS6UA25616

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
AS6UA5128 SEMICOA-AS6UA5128 Datasheet
160Kb / 9P
2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
AS6WA25616 ETC1-AS6WA25616 Datasheet
215Kb / 9P
3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS6VA25616 ALSC-AS6VA25616 Datasheet
180Kb / 9P
2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6WA5128 ALSC-AS6WA5128 Datasheet
146Kb / 9P
3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
logo
Austin Semiconductor
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
Golledge Electronics Lt...
GTXO-92 GOLLEDGE-GTXO-92 Datasheet
82Kb / 2P
2.3V ~ 3.6V SM TCXO Clipped Sine
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
Low Power 300mA CMOS LDO with Enable
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com