Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C13300 Arkusz danych(PDF) 2 Page - Ledil, Inc.

Numer części C13300
Szczegółowy opis  Strada Lens array
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13300 Arkusz danych(HTML) 2 Page - Ledil, Inc.

  C13300 Datasheet HTML 1Page - Ledil, Inc. C13300 Datasheet HTML 2Page - Ledil, Inc. C13300 Datasheet HTML 3Page - Ledil, Inc. C13300 Datasheet HTML 4Page - Ledil, Inc. C13300 Datasheet HTML 5Page - Ledil, Inc. C13300 Datasheet HTML 6Page - Ledil, Inc. C13300 Datasheet HTML 7Page - Ledil, Inc. C13300 Datasheet HTML 8Page - Ledil, Inc. C13300 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
PRODUCT DATASHEET
Strada series
last update 12/5/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LUXEON MZ
Asymmetric degAsymmetric 94 %
1.000
-
LUXEON TX
Asymmetric degAsymmetric 94 %
1.000
-
LUXEON 5050
Asymmetric degAsymmetric 94 %
0.770
-
LUXEON V
Asymmetric degAsymmetric 94 %
0.790
-
NVSxx19A
Asymmetric degAsymmetric -
-
-
NCSxx19A
Asymmetric degAsymmetric -
-
-
NS9x383
Asymmetric degAsymmetric 95 %
0.800
-
NWSx229A
Asymmetric degAsymmetric 94 %
0.820
-
NVSxx19B/NVSxx19C
sim: AsymmetricAsymmetric sim: 93 % sim: 0.893 -
NVSW3x9A
Asymmetric degAsymmetric 94 %
0.960
-
NVSxE21A
Asymmetric degAsymmetric 94 %
1.480
-
NVSW219D
Asymmetric degAsymmetric 94 %
0.920
-
Oslon Square PC
Asymmetric degAsymmetric 94 %
1.000
-
Oslon Square Gen3
Asymmetric degAsymmetric 94 %
1.100
-
Duris S8
Asymmetric degAsymmetric 94 %
0.740
-
OSCONIQ P 3737 (2W version)
sim: AsymmetricAsymmetric sim: 92 % sim: 0.910 -
OSCONIQ P 3737 (3W version)
sim: AsymmetricAsymmetric sim: 94 % sim: 0.730 -
PrevaLED Brick DC 2x8
Asymmetric degAsymmetric 94 %
1.100
-
Fortimo FastFlex LED board 2x8 DA G4 Asymmetric degAsymmetric 94 %
1.100
-
Fortimo FastFlex LED board 2x8 DAX G4Asymmetric degAsymmetric sim: 93 % sim: 0.800 -
LH351B
Asymmetric degAsymmetric 94 %
0.950
-
LH351Z
Asymmetric degAsymmetric 94 %
1.000
-
LH351D
Asymmetric degAsymmetric 94 %
0.780
-
LH351C
Asymmetric degAsymmetric 94 %
0.960
-
LH508A
Asymmetric degAsymmetric 94 %
0.750
-
Z5P
Asymmetric degAsymmetric -
-
-
Acrich MJT 4040
Asymmetric degAsymmetric 94 %
1.000
-
Z5M1/Z5M2
Asymmetric degAsymmetric 94 %
1.100
-
Z8Y22P
Asymmetric degAsymmetric 94 %
0.960
-
Z8Y22
Asymmetric degAsymmetric 94 %
1.100
-
TL1L3
Asymmetric degAsymmetric 94 %
0.790
-
TL1L4
Asymmetric degAsymmetric 93 %
1.000
-
RLE G1 49x223mm 4000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
1.100
-
RLE G1 49x245mm 4000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
1.100
-
RLE G1 49x121mm 2000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
1.100
-
RLE G1 49x133mm 2000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
1.100
-
January 25th 2018 8:18 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com