| Zakładka z wyszukiwarką danych komponentów |
|
DS31256 Arkusz danych(PDF) 14 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Arkusz danych(HTML) 14 Page - Maxim Integrated Products |
|
14 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 14 of 183 PIN NAME TYPE FUNCTION T20 LD4 I/O Local Bus Data Bit 4 R18 LD5 I/O Local Bus Data Bit 5 P17 LD6 I/O Local Bus Data Bit 6 R19 LD7 I/O Local Bus Data Bit 7 R20 LD8 I/O Local Bus Data Bit 8 P18 LD9 I/O Local Bus Data Bit 9 P19 LD10 I/O Local Bus Data Bit 10 P20 LD11 I/O Local Bus Data Bit 11 N18 LD12 I/O Local Bus Data Bit 12 N19 LD13 I/O Local Bus Data Bit 13 N20 LD14 I/O Local Bus Data Bit 14 M17 LD15 I/O Local Bus Data Bit 15, MSB L18 LHLDA ( LBG) I Local Bus Hold Acknowledge (Local Bus Grant) L19 LHOLD ( LBR) O Local Bus Hold (Local Bus Request) M18 LIM I Local Bus Intel/Motorola Bus Select K20 LINT I/O Local Bus Interrupt M19 LMS I Local Bus Mode Select H18 LRD (LDS) I/O Local Bus Read Enable (Local Bus Data Strobe) K18 LRDY I Local Bus PCI Bridge Ready H19 LWR (LR/W) I/O Local Bus Write Enable (Local Bus Read/Write Select) A2, A8, A11, A19, B2, B18, J18, J19, K1–K3, L1–L3, M20, U14, W2, W9, Y1, Y19 N.C. — No Connect. Do not connect any signal to this pin. V17 PAD0 I/O PCI Multiplexed Address and Data Bit 0 U16 PAD1 I/O PCI Multiplexed Address and Data Bit 1 Y18 PAD2 I/O PCI Multiplexed Address and Data Bit 2 W17 PAD3 I/O PCI Multiplexed Address and Data Bit 3 V16 PAD4 I/O PCI Multiplexed Address and Data Bit 4 Y17 PAD5 I/O PCI Multiplexed Address and Data Bit 5 W16 PAD6 I/O PCI Multiplexed Address and Data Bit 6 V15 PAD7 I/O PCI Multiplexed Address and Data Bit 7 W15 PAD8 I/O PCI Multiplexed Address and Data Bit 8 V14 PAD9 I/O PCI Multiplexed Address and Data Bit 9 Y15 PAD10 I/O PCI Multiplexed Address and Data Bit 10 W14 PAD11 I/O PCI Multiplexed Address and Data Bit 11 Y14 PAD12 I/O PCI Multiplexed Address and Data Bit 12 V13 PAD13 I/O PCI Multiplexed Address and Data Bit 13 W13 PAD14 I/O PCI Multiplexed Address and Data Bit 14 Y13 PAD15 I/O PCI Multiplexed Address and Data Bit 15 V9 PAD16 I/O PCI Multiplexed Address and Data Bit 16 U9 PAD17 I/O PCI Multiplexed Address and Data Bit 17 Y8 PAD18 I/O PCI Multiplexed Address and Data Bit 18 W8 PAD19 I/O PCI Multiplexed Address and Data Bit 19 V8 PAD20 I/O PCI Multiplexed Address and Data Bit 20 Y7 PAD21 I/O PCI Multiplexed Address and Data Bit 21 W7 PAD22 I/O PCI Multiplexed Address and Data Bit 22 V7 PAD23 I/O PCI Multiplexed Address and Data Bit 23 U7 PAD24 I/O PCI Multiplexed Address and Data Bit 24 V6 PAD25 I/O PCI Multiplexed Address and Data Bit 25 Y5 PAD26 I/O PCI Multiplexed Address and Data Bit 26 |