Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4530N Arkusz danych(PDF) 2 Page - ebm-papst

Numer części 4530N
Szczegółowy opis  AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EBMPAPST [ebm-papst]
Strona internetowa  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4530N Arkusz danych(HTML) 2 Page - ebm-papst

  4530N_16 Datasheet HTML 1Page - ebm-papst 4530N_16 Datasheet HTML 2Page - ebm-papst 4530N_16 Datasheet HTML 3Page - ebm-papst 4530N_16 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
4530 N
Technical description
Weight
0.550 kg
Dimensions
119 x 119 x 38 mm
Impeller material
Sheet steel, painted black
Housing material
Die-cast aluminum
Airflow direction
Intake over struts
Direction of rotation
Clockwise, viewed toward rotor
Storage
Sintec sleeve bearing
Service life L10 at 40 °C
42500 h
Service life L10 at maximum
temperature
25000 h
Cable
2 flat plugs 3.0 x 0.5 mm. Housing with grounding lugs with M4 and UNC thread.
Motor protection
Protected from overload by impedance protection
Approval
VDE, CSA, UL, CE
Option
Versions with reinforced mounting flanges and exposed external leads.
ENU (Web) · Approved 2016-06-22 · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com