Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSB41BA3PFP Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TSB41BA3PFP
Szczegółowy opis  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3PFP Arkusz danych(HTML) 1 Page - Texas Instruments

  TSB41BA3PFP Datasheet HTML 1Page - Texas Instruments TSB41BA3PFP Datasheet HTML 2Page - Texas Instruments TSB41BA3PFP Datasheet HTML 3Page - Texas Instruments TSB41BA3PFP Datasheet HTML 4Page - Texas Instruments TSB41BA3PFP Datasheet HTML 5Page - Texas Instruments TSB41BA3PFP Datasheet HTML 6Page - Texas Instruments TSB41BA3PFP Datasheet HTML 7Page - Texas Instruments TSB41BA3PFP Datasheet HTML 8Page - Texas Instruments TSB41BA3PFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Supports Provisions of IEEE
1394b-2002 at S100, S100B, S200, S200B,
S400, and S400B Signaling Rates (B
Signifies 1394b Signaling)
D Fully Supports Provisions of IEEE
1394a-2000 and 1394-1995 Standards for
High Performance Serial Bus
D Fully Interoperable With Firewire,
SB1394
, DishWire, and i.LINK
Implementation of IEEE Std 1394
D Provides Three Fully Backward
Compatible, (1394a-2000 Fully Compliant)
Bilingual 1394b Cable Ports at
400 Megabits per Second (Mbits/s)
D Same Three Fully Backward Compatible
Ports Are 1394a-2000 Fully Compliant
Cable Ports at 100/200/400 Mbits/s
D Full 1394a-2000 Support Includes:
− Connection Debounce
− Arbitrated Short Reset
− Multispeed Concatenation
− Arbitration Acceleration
− Fly-By Concatenation
− Port Disable/Suspend/Resume
− Extended Resume Signaling for
Compatibility With Legacy DV Devices
D Power-Down Features to Conserve Energy
in Battery Powered Applications
D Low-Power Sleep Mode
D Automotive Sleep Mode Support
D Fully Compliant With Open Host Controller
Interface (HCI) Requirements
D Cable Power Presence Monitoring
D Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
D Register Bits Give Software Control of
Contender Bit, Power Class Bits, Link
Active Control Bit, and 1394a-2000
Features
D Data Interface to Link-Layer Controller Pin
Selectable From 1394a-2000 Mode (2/4/8
Parallel Bits at 49.152 MHz) or 1394b Mode
(8 Parallel Bits at 98.304 MHz)
D Interface to Link-Layer Controller Supports
Low Cost TI Bus-Holder Isolation
D Interoperable With Link-Layer Controllers
Using 3.3-V Supplies
D Interoperable With Other 1394 Physical
Layers (PHYs) Using 1.8-V, 3.3-V, and 5-V
Supplies
D Low Cost 49.152-MHz Crystal Provides
Transmit and Receive Data at
100/200/400 Mbits/s, and Link-Layer
Controller Clock at 49.152 MHz and
98.304 MHz
D Separate Bias (TPBIAS) for Each Port
D Low Cost, High Performance 80-Pin TQFP
(PFP) Thermally Enhanced Package
D Software Device Reset (SWR)
D Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Ports
to Ensure That the TSB41BA3 Does Not
Load the TPBIAS of Any Connected Device
and Blocks Any Leakage From the Port
Back to Power Plane
D The TSB41BA3 Has a 1394a-2000
Compliant Common-Mode Noise Filter on
the Incoming Bias Detect Circuit to Filter
Out Cross-Talk Noise
D Cable/Transceiver Hardware Speed and
Port Mode Are Selectable by Pin States
− Supports Connection to CAT5 Cable
Transceiver by Allowing Ports to be
Forced to Beta-Only 100 Mbits/s only
− Supports Connection to S200 Plastic
Optical Fiber Transceivers by Allowing
Ports to be Forced to1394b Beta-Only
200 Mbits/s and S100 Mbits/s Only
− Supports Use of 1394a Connections by
Allowing Ports 1 and 2 to Be Forced to
1394a-Only Mode
− Optical Signal Detect Input for All Ports
in Beta Mode Enables Connection to
Optical Transceivers
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.
i.LINK is a trademark of Sony Corporation.
FireWire is a trademark of Apple Computer Incorporated.


Podobny numer części - TSB41BA3PFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB41BA3A TI-TSB41BA3A Datasheet
895Kb / 66P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A Datasheet
222Kb / 11P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI2-TSB41BA3A-EP Datasheet
786Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
REVISED MAY 2011
More results

Podobny opis - TSB41BA3PFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3D TI-TSB81BA3D Datasheet
846Kb / 59P
IEEE 139b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com