| Zakładka z wyszukiwarką danych komponentów |
|
ATA5830N Arkusz danych(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATA5830N Arkusz danych(HTML) 4 Page - ATMEL Corporation |
|
4 / 27 page ![]() 4 9208DS–RKE–07/11 Atmel ATA5830/ATA5830N 1.3.7 Customer Application Software All the functionality is implemented in 24KB of ROM firmware and controlled by SPI com- mands. In addition, 6KB of Flash is available to enable customer specific software functionality. Examples for flash customization are a) extension of SPI commands, b) usage of a single wire interface instead of SPI, c) polling adaptations, d) protocol handling, etc. To achieve customer specific functionality, parts of the ROM code can be replaced with Flash code. 1.3.8 EEPROM Configuration The configuration of the device e.g. RF-frequency, modulation type, data rate, etc. is stored in 512KB of EEPROM that is integrated within the Atmel ® ATA5830. This improves the efficiency of the SPI control since most of the configuration comes from the EEPROM. In most applica- tions, only the received or transmitted data and short SPI commands are required. The device is delivered with a standard configuration; only deviations from that need to be configured. Device configuration uses only a part of the 512KB of EEPROM leaving free space available for additional customer data storage. 1.4 Pin Diagram and Configuration of Atmel ATA5830 Figure 1-1. Pin Diagram Note: The exposed die pad is connected to the internal die. RFIN_LB RFIN_HB SPDT_RX SPDT_ANT ANT_TUNE SPDT_TX RF_OUT VS_PA PB2 32 1 2 exposed die pad 3 4 5 6 7 8 24 23 22 21 20 19 18 17 31 302928 27 26 25 9 10111213 14 15 16 PB1 PB0 DGND DVCC PC5 PC4 PC3 Atmel ATA5830 |