Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5337BRM Arkusz danych(PDF) 21 Page - Analog Devices

Numer części AD5337BRM
Szczegółowy opis  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5337BRM Arkusz danych(HTML) 21 Page - Analog Devices

Back Button AD5337BRM Datasheet HTML 16Page - Analog Devices AD5337BRM Datasheet HTML 17Page - Analog Devices AD5337BRM Datasheet HTML 18Page - Analog Devices AD5337BRM Datasheet HTML 19Page - Analog Devices AD5337BRM Datasheet HTML 20Page - Analog Devices AD5337BRM Datasheet HTML 21Page - Analog Devices AD5337BRM Datasheet HTML 22Page - Analog Devices AD5337BRM Datasheet HTML 23Page - Analog Devices AD5337BRM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5337/AD5338/AD5339
Rev. A | Page 21 of 24
PRODUCT AS A DIGITALLY PROGRAMMABLE
WINDOW DETECTOR
Figure 39 shows a digitally programmable upper/lower limit
detector using the two DACs in the AD5337/AD5338/AD5339.
The upper and lower limits for the test are loaded into DAC A
and DAC B, which, in turn, set the limits on the CMP04. If the
signal at the VIN input is not within the programmed window,
an LED indicates the fail condition.
AD5337/
AD5338/
AD5339*
VDD
5V
VOUTA
GND
REFIN
VIN
PASS/FAIL
1/2
CMP04
1/6 74HC05
FAIL
PASS
1k
Ω
0.1
µF
SCL
SDA
SCL
DIN
1k
Ω
VOUTB
VREF
* ADDITIONAL PINS OMITTED FOR CLARITY
10
µF
Figure 39. Window Detection
COARSE AND FINE ADJUSTMENT CAPABILITIES
The two DACs in the AD5337/AD5338/AD5339 can be paired
together to form a coarse and fine adjustment function, as
shown in Figure 40. DAC A is used to provide the coarse
adjustment while DAC B provides the fine adjustment. Varying
the ratio of R1 and R2 changes the relative effect of the coarse
and fine adjustments. With the resistor values and external
reference shown, the output amplifier has unity gain for the
DAC A output, thus the output range is 0 V to 2.5 V − 1 LSB.
For DAC B the amplifier has a gain of 7.6 × 10–3, giving DAC B
a range equal to 19 mV.
The circuit is shown with a 2.5 V reference, but reference
voltages up to VDD may be used. The op amps indicated will
allow a rail-to-rail output swing.
1
µF
REFIN
VDD
GND
VOUTB
0.1
µF
10
µF
VDD = 5V
VOUT
VIN
GND
EXT
REF
AD820/
OP295
5V
R3
51.2k
Ω
R4
390
Ω
AD780/REF192/ADR391
WITH VDD = 5V
VOUTA
R1
390
Ω
R2
51.2k
Ω
VOUT
AD5337/
AD5338/
AD5339*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 40. Coarse/Fine Adjustment
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5337/AD5338/AD5339 is mounted should be designed so
that the analog and digital sections are separated and confined
to certain areas of the board. If the AD5337/AD5338/AD5339
is in a system where multiple devices require an AGND-to-
DGND connection, the connection should be made at one
point only. The star ground point should be established as close
as possible to the device. The AD5337/AD5338/AD5339 should
have ample supply bypassing of 10 µF in parallel with 0.1 µF on
the supply located as close to the package as possible, ideally
right up against the device. The 10 µF capacitors are the tantalum
bead type. The 0.1 µF capacitor should have low effective series
resistance (ESR) and low effective series inductance (ESI) to
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching. The
power supply lines of the AD5337/AD5338/ AD5339 should use
as large a trace as possible to provide low impedance paths and
reduce the effects of glitches on the power supply line. Fast
switching signals such as clocks should be shielded with digital
ground to avoid radiating noise to other parts of the board, and
they should never be run near the reference inputs. A ground
line routed between the SDA and SCL lines helps to reduce
crosstalk between them. This is not required on a multilayer
board because there is a separate ground plane, but separating
the lines does help.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
reduces the effects of feedthrough through the board. Using a
microstrip technique is the best solution, but its use is not
always possible with a double-sided board. In this technique,
the component side of the board is dedicated to ground plane,
while signal traces are placed on the solder side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com