Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATL25/540 Arkusz danych(PDF) 6 Page - ATMEL Corporation

Numer części ATL25/540
Szczegółowy opis  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/540 Arkusz danych(HTML) 6 Page - ATMEL Corporation

Back Button ATL25/540 Datasheet HTML 2Page - ATMEL Corporation ATL25/540 Datasheet HTML 3Page - ATMEL Corporation ATL25/540 Datasheet HTML 4Page - ATMEL Corporation ATL25/540 Datasheet HTML 5Page - ATMEL Corporation ATL25/540 Datasheet HTML 6Page - ATMEL Corporation ATL25/540 Datasheet HTML 7Page - ATMEL Corporation ATL25/540 Datasheet HTML 8Page - ATMEL Corporation ATL25/540 Datasheet HTML 9Page - ATMEL Corporation ATL25/540 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ATL25SeriesASIC
1414C–ASIC-08/02
Macro Cores
AVR 8-bit RISC
Microcontroller
Core
The AVR RISC microcontroller is a true 8-bit RISC architecture, ideally suited for embedded
control applications. The AVR is offered as a gate level, synthesizable macro core in the
ATL25 family.
The AVR supports a powerful set of 120 instructions. The AVR prefetches an instruction dur-
ing a prior instruction execution, enabling the execution of one instruction per clock cycle.
The Fast Access RISC register file consists of 32 general purpose working registers. These 32
registers eliminate the data transfer delay in the traditional program code intensive accumula-
tor architectures.
The AVR can incorporate up to 64 x 16K program memory (ROM) and 64 x 8K data memory
(SRAM). Among the peripheral options offered are: UART, 8-bit timer/counter, 16-bit
timer/counter, programmable watchdog timer and SPI.
Figure 3. AVR 8-bit RISC Microcontroller Core
16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com