| Zakładka z wyszukiwarką danych komponentów |
|
SLG46110V Arkusz danych(PDF) 21 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46110V Arkusz danych(HTML) 21 Page - Dialog Semiconductor |
|
21 / 82 page ![]() 000-0046110-106 Page 20 of 81 SLG46110 7.5 GPI IO Structure 7.5.1 GPI IO Structure (for Pin 2) Figure 2. PIN 2 GPI IO Structure Diagram PAD Digital In 10 k 90 k 900 k Res_sel[1:0] 00: floating 01: 10 k 10: 100 k 11: 1 M wosmt_en smt_en lv_en Low Voltage Input Schmitt Trigger Input Non-Schmitt Trigger Input Input Mode [1:0] 00: Digital In without Schmitt Trigger, wosmt_en=1 01: Digital In with Schmitt Trigger, smt_en=1 10: Low Voltage Digital In mode, lv_en = 1 11: Reserved |