| Zakładka z wyszukiwarką danych komponentów |
|
SLG46121V Arkusz danych(PDF) 38 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121V Arkusz danych(HTML) 38 Page - Dialog Semiconductor |
|
38 / 98 page ![]() 000-0046121--106 Page 37 of 97 SLG46121 Each 3-bit LUT uses a 8-bit register signal to define their output functions; 3-Bit LUT4 is defined by reg <463:456> 3-Bit LUT5 is defined by reg <471:464> 3-Bit LUT6 is defined by reg <479:472> 3-Bit LUT7 is defined by reg <487:480> The table below shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be created within each of the two 3-bit LUT logic cells. Table 23. 3-bit LUT Standard Digital Functions. Function MSB LSB AND-3 1 000 00 00 NAND-3 0 111 11 11 OR-3 1 111 11 10 NOR-3 0 000 00 01 XOR-3 1 001 01 10 XNOR-3 0 110 10 01 |