Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9956 Arkusz danych(PDF) 1 Page - ebm-papst

Numer części 9956
Szczegółowy opis  AC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EBMPAPST [ebm-papst]
Strona internetowa  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

9956 Arkusz danych(HTML) 1 Page - ebm-papst

  9956 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
210
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See page 12)
- Moisture protection
Max.
135 m3/h
Type
m3/h
cfm
VAC
Hz
dB(A)
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
9956 L
84
49.4
230
50
29
4.4
9.5
1850
-40...+80
57 500 / 22 500
¿
9956 M
104
61.2
230
50
35
4.7
10.0
2250
-40...+80
57 500 / 22 500
¡
9950
117
68.9
230
50
37
5.0
14.0
2450
-20...+70
47 500 / 22 500
¬
9956
117
68.9
230
50
37
5.0
14.0
2450
-40...+70
47 500 / 22 500
¬
9906 L
100
58.9
115
60
34
4.6
8.0
2100
-40...+80
62 500 / 25 000
√
9906 M
111
65.3
115
60
37
5.0
8.0
2450
-40...+80
62 500 / 25 000
ƒ
9900
135
79.5
115
60
42
5.4
12.0
2850
-20...+70
52 500 / 25 000
≈
9906
135
79.5
115
60
42
5.4
12.0
2850
-40...+70
52 500 / 25 000
≈
Subject to change
– Material:
Housing: Die-cast aluminum
Impeller: Mineral-reinforced
PA plastic
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counterclockwise,
looking towards rotor
– Connection:
Via 2 flat plugs 2.8 x 0.5 mm
grounding lug for M4
– Weight:
320 g
– Note:
Please note our new ACmaxx series.
With identical mounting dimensions and voltages, this
series achieves greater energy efficiency.
See page 192.
Finger guards
from p. 242
Cables
P. 255
AC axial fans
 119 x 25 mm
Series 9900
Nominal data


Podobny numer części - 9956

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ebm-papst
9956 EBMPAPST-9956 Datasheet
318Kb / 1P
TUBEAXIAL
9956 EBMPAPST-9956 Datasheet
289Kb / 4P
AC axial compact fan
logo
Brady Worldwide, Inc.
99564 BRADY-99564 Datasheet
281Kb / 1P
Safety Padlocks
logo
List of Unclassifed Man...
9956B ETC-9956B Datasheet
242Kb / 2P
52mm DIAMETER
logo
ebm-papst
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
More results

Podobny opis - 9956

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
logo
List of Unclassifed Man...
UF60D12-__H ETC2-UF60D12-__H Datasheet
417Kb / 1P
AC AXIAL FANS
UF92A12-__H ETC2-UF92A12-__H Datasheet
395Kb / 1P
AC AXIAL FANS
UF92AM12-__H ETC2-UF92AM12-__H Datasheet
393Kb / 1P
AC AXIAL FANS
UF250BMB12-H1 ETC2-UF250BMB12-H1 Datasheet
499Kb / 1P
AC AXIAL FANS
logo
ETRI
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
AC Axial Fans
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
AC Axial Fans
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com