Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RH100A Arkusz danych(PDF) 1 Page - Raltron Electronics Corporation

Numer części RH100A
Szczegółowy opis  SURFACE MOUNT MICROPROCESSOR CRYSTAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RALTRON [Raltron Electronics Corporation]
Strona internetowa  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RH100A Arkusz danych(HTML) 1 Page - Raltron Electronics Corporation

  RH100A Datasheet HTML 1Page - Raltron Electronics Corporation RH100A Datasheet HTML 2Page - Raltron Electronics Corporation RH100A Datasheet HTML 3Page - Raltron Electronics Corporation RH100A Datasheet HTML 4Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AUTOMOTIVE GRADE
SURFACE MOUNT MICROPROCESSOR CRYSTAL
Page 1 of 4
Page 1 of 4
SERIES RH100A
R A L T R O N E L E C T R O N I C S ▪ 1 0 4 0 0 N . W . 3 3 r d S T R E E T ▪ M i a m i , F l o r i d a 3 3 1 7 2 ▪ U . S . A .
Telephone: +1-305-593-6033 ▪ Fax: +1-305-594-3973 ▪ e-mail: sales@raltron.com ▪ web site: http://www.raltron.com
FEATURES
ISO/TS 16949 CERTIFIED FACILITY
RELIABILITY TESTING PER AEC-Q200
PPAP DOCUMENTATION AVAILABLE
SMALL PACKAGE OF 3.2 x 2.5 mm
EXCELLENT TOLERANCE AND
STABILITY
CUSTOM SPECIFICATIONS AVAILABLE
SPECIFICATIONS
‡ Not all combinations of temperature and frequency stability available, consult factory.
PARAMETER
VALUE
FREQUENCY RANGE
10.000 MHz to 65.000 MHz
MODE OF OSCILLATION
FUNDAMENTAL
10.000 MHz to 65.000 MHz
FREQUENCY TOLERANCE AT 25°C
±50 ppm max
(±10 ppm, ±15 ppm, ±20 ppm and ±30 ppm
available)
FREQUENCY STABILITY OVER TEMPERATURE
±50 ppm max
(±10 ppm, ±15 ppm, ±20 ppm and ±30 ppm
available, see Table 2)
OPERATING TEMPERATURE RANGE
-20°C to +70°C Standard
-40°C to +85°C Extended
-40°C to +105°C Extended6
-40°C to +125°C Extended1
STORAGE TEMPERATURE RANGE
-55°C to +125°C
AGING
±1 ppm per year max
LOAD CAPACITANCE
6 pF to 32 pF or Series
EQUIVALENT SERIES RESISTANCE
See Table 1
SHUNT CAPACITANCE
3.0 pF max
DRIVE LEVEL
100 µW typ, 500 µW max
INSULATION RESISTANCE
500 MΩ min
SHOCK RESISTANCE
±5 ppm max 75 cm drop test in
3 axes onto a hard wood surface
REFLOW CONDITIONS
260°C for 10 s max
TABLE 2
TEMP RANGE
(°C)
STABILITY
(ppm)
±10
±15
±20
±30
±50
-20 to +70
O
O
O
O
O
-40 to +85
×
O
O
O
O
-40 to +105
×
×
O
O
-40 to +125
×
×
O
Note: O: Available, △: Conditional, ×: Not available
TABLE 1
FREQUENCY
(MHz)
MODE
ESR MAX
(
Ω)
10≤F0<12
FUND
300
12≤F0<20
FUND
80
20≤F0<24
FUND
60
24≤F0≤65
FUND
50


Podobny numer części - RH100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
RH100 VISHAY-RH100 Datasheet
221Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
11-Jul-07
RH100 VISHAY-RH100 Datasheet
186Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
04-Sep-2019
RH100 VISHAY-RH100 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
logo
Raltron Electronics Cor...
RH100-24.000-18-TR RALTRON-RH100-24.000-18-TR Datasheet
251Kb / 3P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
LEM
RH100-P LEM-RH100-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
More results

Podobny opis - RH100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Raltron Electronics Cor...
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-12.288-20 RALTRON-H180A-12.288-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-16.9344-20 RALTRON-H180A-16.9344-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H10A RALTRON-H10A Datasheet
60Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Advanced Linear Devices
TT-SMDC ALD-TT-SMDC Datasheet
34Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABSM3B ABRACON-ABSM3B_15 Datasheet
2Mb / 4P
Surface Mount Microprocessor Crystal
04.30.15
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com