| Zakładka z wyszukiwarką danych komponentów |
|
SC50462S Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SC50462S Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 12 page ![]() Silan Semiconductors SC50462 HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD Rev: 2.1 2002-02-28 5 4. TRANSMISSION CODE The transmission Code consists of 16 bits, namely: 8 bits custom code(C0~C7 ) and 8 bits data code (D0~D7). Please refer to the table below: C0 C1 C2 C3 C4 C5 C6 C7 D0 D1 D2 D3 D4 D5 D6 D7 Custom Code Data Code One frame of the Transmission Code If a Single Shot Key is depressed, data Codes—D6 and d7 will be given the value of (0,0).Please refer to the table1.If a valid double key operation is performed, the data codes will receive the values described in Table 2. Data Scan Output D0 D1 D2 Octal display S1 0 0 0 0 S2 1 0 0 1 S3 0 1 0 2 S4 1 1 0 3 S5 0 0 1 4 S6 1 0 1 5 S7 0 1 1 6 S8 1 1 1 7 Data Key Input D3 D4 D5 Octal display I1 0 0 0 0 I2 1 0 0 1 I3 0 1 0 2 I4 1 1 0 3 I5 0 0 1 4 I6 1 0 1 5 I7 0 1 1 6 I8 1 1 1 7 Table 1: Key Matrix/Code |