Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1GU04DBVR Arkusz danych(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVC1GU04DBVR
Szczegółowy opis  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVR Arkusz danych(HTML) 26 Page - Texas Instruments

Back Button SN74LVC1GU04DBVR Datasheet HTML 22Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 23Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 24Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 25Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 26Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 27Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 28Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 29Page - Texas Instruments SN74LVC1GU04DBVR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
www.ti.com
PACKAGE OUTLINE
C
4X
0.27
0.17
3X
0.32
0.23
0.4 MAX
0.05
0.00
2X
0.48
0.27
0.17
0.25 0.1
B
0.85
0.75
A
0.85
0.75
(0.1)
(0.06)
4X (0.05)
(0.25)
2X (0.26)
X2SON - 0.4 mm max height
DPW0005A
PLASTIC SMALL OUTLINE - NO LEAD
4223102/B 09/2017
PIN 1 INDEX AREA
SEATING PLANE
NOTE 3
1
2
3
4
0.1 C A B
0.05 C
5
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The size and shape of this feature may vary.
NOTE 3
SCALE 12.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41