| Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1GU04DBVT Arkusz danych(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1GU04DBVT Arkusz danych(HTML) 26 Page - Texas Instruments |
|
26 / 41 page ![]() www.ti.com PACKAGE OUTLINE C 4X 0.27 0.17 3X 0.32 0.23 0.4 MAX 0.05 0.00 2X 0.48 0.27 0.17 0.25 0.1 B 0.85 0.75 A 0.85 0.75 (0.1) (0.06) 4X (0.05) (0.25) 2X (0.26) X2SON - 0.4 mm max height DPW0005A PLASTIC SMALL OUTLINE - NO LEAD 4223102/B 09/2017 PIN 1 INDEX AREA SEATING PLANE NOTE 3 1 2 3 4 0.1 C A B 0.05 C 5 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. The size and shape of this feature may vary. NOTE 3 SCALE 12.000 |