| Zakładka z wyszukiwarką danych komponentów |
|
L9679P Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 272 page ![]() DocID029275 Rev 1 21/272 L9679P Operative maximum ratings 271 96 ARM1 Arming Output 1 -0.1 VCC+0.1 <= 5.5 V 97 ARM2 Arming Output 2 -0.1 VCC+0.1 <= 5.5 V 98 NC Not connected 99 FENL LS Driver FET control input -0.1 VCC+0.1 <= 5.5 V 100 GNDSUB2 Substrate ground / Squib ground -0.1 0.1 V - Exposed Pad Down Substrate ground / Squib ground -0.1 0.1 V Table 3. Operative maximum ratings (continued) Pin # Pin name Pin function Min Max Unit |