Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPWF04SA Arkusz danych(PDF) 18 Page - STMicroelectronics

Numer części SPWF04SA
Szczegółowy opis  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Arkusz danych(HTML) 18 Page - STMicroelectronics

Back Button SPWF04SA Datasheet HTML 14Page - STMicroelectronics SPWF04SA Datasheet HTML 15Page - STMicroelectronics SPWF04SA Datasheet HTML 16Page - STMicroelectronics SPWF04SA Datasheet HTML 17Page - STMicroelectronics SPWF04SA Datasheet HTML 18Page - STMicroelectronics SPWF04SA Datasheet HTML 19Page - STMicroelectronics SPWF04SA Datasheet HTML 20Page - STMicroelectronics SPWF04SA Datasheet HTML 21Page - STMicroelectronics SPWF04SA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Mechanical dimensions
SPWF04SA, SPWF04SC
18/27
DocID029757 Rev 5
Figure 8: Module footprint
Note: PCB design requires a detailed review of the center exposed pad. This pad requires
good thermal conductivity. Soldering coverage should be maximized and checked via x-ray
for proper design. There is a trade-off between providing enough soldering for conductivity
and applying too much, which allows the module to "float" on the paddle creating reliability
issues. ST recommends two approaches, a large center via that allows excess solder to
flow down into the host PCB with smaller vias around it, or many smaller vias with just
enough space for the viscosity of the chosen solder/flux to allow some solder to flow into
the smaller vias.
Either of these approaches must result in 60% or more full contact solder coverage on the
paddle after reflow. ST strongly encourages PCB layout teams to work with their EMS
providers to ensure vias and solder paste designs that will result in satisfactory
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27