Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25DV64K Arkusz danych(PDF) 107 Page - STMicroelectronics

Numer części ST25DV64K
Szczegółowy opis  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Arkusz danych(HTML) 107 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 103Page - STMicroelectronics ST25DV64K Datasheet HTML 104Page - STMicroelectronics ST25DV64K Datasheet HTML 105Page - STMicroelectronics ST25DV64K Datasheet HTML 106Page - STMicroelectronics ST25DV64K Datasheet HTML 107Page - STMicroelectronics ST25DV64K Datasheet HTML 108Page - STMicroelectronics ST25DV64K Datasheet HTML 109Page - STMicroelectronics ST25DV64K Datasheet HTML 110Page - STMicroelectronics ST25DV64K Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 220 page
background image
DocID027603 Rev 4
107/220
ST25DV04K ST25DV16K ST25DV64K
RF operations
219
From the time the VCD has generated the rising edge of an EOF:
•
If this EOF is 100% modulated, the VCD waits for a time at least equal to t3min for 100%
modulation before sending a new EOF.
•
If this EOF is 10% modulated, the VCD waits for a time at least equal to t3min for 10%
modulation before sending a new EOF.
Table 63. Timing values(1)
Minimum (min) values
Nominal (nom) values Maximum (max) values
100% modulation
10% modulation
t1
4320 / fc = 318.6 µs
4352 / fc = 320.9 µs
4384 / fc = 323.3 µs(2)
t2
4192 / fc = 309.2 µs
No tnom
No tmax
t3
t1max(3)(3) + tSOF(4)
t1max(3) + tNRT(5) + t2min
No tnom
No tmax
1. The tolerance of specific timings is ± 32/fC.
2. VCD request will not be interpreted during the first milliseconds following the RF field rising.
3. t1max does not apply for write-alike requests. Timing conditions for write-alike requests are defined in the
command description.
4. tSOF is the time taken by the ST25DVxxx to transmit an SOF to the VCD. tSOF depends on the current data
rate: High data rate or Low data rate.
5. tNRT is the nominal response time of the ST25DVxxx. tNRT depends on VICC to ST25DVxxx data rate and
subcarrier modulation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More