Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25DV64K Arkusz danych(PDF) 25 Page - STMicroelectronics

Numer części ST25DV64K
Szczegółowy opis  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Arkusz danych(HTML) 25 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 21Page - STMicroelectronics ST25DV64K Datasheet HTML 22Page - STMicroelectronics ST25DV64K Datasheet HTML 23Page - STMicroelectronics ST25DV64K Datasheet HTML 24Page - STMicroelectronics ST25DV64K Datasheet HTML 25Page - STMicroelectronics ST25DV64K Datasheet HTML 26Page - STMicroelectronics ST25DV64K Datasheet HTML 27Page - STMicroelectronics ST25DV64K Datasheet HTML 28Page - STMicroelectronics ST25DV64K Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 220 page
background image
DocID027603 Rev 4
25/220
ST25DV04K ST25DV16K ST25DV64K
Memory management
219
Figure 7. Memory organization
4.2
User memory
User memory is accessible from both RF contactless interface and I2C wired interface.
From RF interface, user memory is addressed as Blocks of 4 bytes, starting at address 0.
RF extended read and write commands can be used to address all ST25DVxxx memory
blocks. Other read and write commands can only address up to block FFh.
From I2C interface, user memory is addressed as Bytes, starting at address 0. Device select
must set E2 = 0. User memory can be read in continuity. Unlike the RF interface, there is no
roll-over when the requested address reaches the end of the memory capacity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More