Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM813LEPA Arkusz danych(PDF) 11 Page - Alliance Semiconductor Corporation

Numer części ASM813LEPA
Szczegółowy opis  Low Power UP Supervisor Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALSC [Alliance Semiconductor Corporation]
Strona internetowa  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM813LEPA Arkusz danych(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM813LEPA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM813LEPA Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ASM705 / 706 / 707 / 708
11 of 15
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.2
July 2004
Package Dimensions (contd)
Plastic DIP (8-Pin)
Inches
Millimeteres
Min
Max
Min
Max
A
-
0.210
-
5.33
A1
0.015
-
0.38
-
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
b3
0.030
0.045
0.80
1.14
D
0.355
0.400
9.02
10.16
D1
0.005
-
0.13
-
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100
-
2.54
eA
0.300
-
7.62
eB
-
0.430
-
10.92
eC
-
0.060
L
0.115
0.150
2.92
3.81
A
A1
L
b
b2
e
D
E
E1
eC
eA
eB
D1
0° -15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com