Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FN15972 Arkusz danych(PDF) 39 Page - Ledil, Inc.

Numer części FN15972
Szczegółowy opis  Ronda Assembly
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15972 Arkusz danych(HTML) 39 Page - Ledil, Inc.

Back Button FN15972 Datasheet HTML 31Page - Ledil, Inc. FN15972 Datasheet HTML 32Page - Ledil, Inc. FN15972 Datasheet HTML 33Page - Ledil, Inc. FN15972 Datasheet HTML 34Page - Ledil, Inc. FN15972 Datasheet HTML 35Page - Ledil, Inc. FN15972 Datasheet HTML 36Page - Ledil, Inc. FN15972 Datasheet HTML 37Page - Ledil, Inc. FN15972 Datasheet HTML 38Page - Ledil, Inc. FN15972 Datasheet HTML 39Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39