| Zakładka z wyszukiwarką danych komponentów |
|
SSA33L Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SSA33L Arkusz danych(HTML) 2 Page - Vishay Siliconix |
|
2 / 2 page ![]() 1 10 100 0 20 40 60 80 Fig. 3 – Typical Instantaneous Forward Characteristics Fig. 5 – Typical Junction Capacitance Number of Cycles at 60 HZ Reverse Voltage (V) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 025 50 75 100 125 150 Fig. 1 – Forward Current Derating Curve Lead Temperature (°C) Fig. 2 – Maximum Non-Repetitive Peak Forward Surge Current 0.01 0.1 0.2 0.4 0.6 0.8 1.0 0 1 10 100 Instantaneous Forward Voltage (V) 020 60 40 100 80 0.001 0.01 1 0.1 10 100 Fig. 4 – Typical Reverse Characteristics Percent of Rated Peak Reverse Voltage (%) 1 10 100 100 1000 10 SSA33L SSA34 SSA33L SSA34 SSA33L SSA34 SSA33L SSA34 TJ = 150°C TJ = 150°C TJ = 125°C TJ = 25°C TJ = 125°C TJ = 25°C TJ = 25°C f = 1.0 MHZ Vsig = 50mVp-p SSA33L and SSA34 Vishay Semiconductors formerly General Semiconductor www.vishay.com Document Number 88883 2 16-Jun-04 Ratings and Characteristic Curves (TA = 25°C unless otherwise noted) |