Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM86312 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STM86312
Szczegółowy opis  1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM86312 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STM86312 Datasheet HTML 3Page - STMicroelectronics STM86312 Datasheet HTML 4Page - STMicroelectronics STM86312 Datasheet HTML 5Page - STMicroelectronics STM86312 Datasheet HTML 6Page - STMicroelectronics STM86312 Datasheet HTML 7Page - STMicroelectronics STM86312 Datasheet HTML 8Page - STMicroelectronics STM86312 Datasheet HTML 9Page - STMicroelectronics STM86312 Datasheet HTML 10Page - STMicroelectronics STM86312 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STM86312
7/16
SW DATA
The SW data are read by the appropriate read command, starting from the least significant bit. Bits 5
through 8 of the SW data are 0.
COMMANDS
A command sets the display mode and status of the VFD driver.
The first 1 byte input to the STM86312 through the DIN pin after the STB pin has fallen is regarded as a
command. If STB is set high while commands/data are transmitted, serial communication is initialized,
and the commands/data being transmitted are invalid (however, the commands/data already transmitted
remain valid).
(1) DISPLAY MODE SETTING COMMAND
This command initializes the STM86312 and selects the number of segments and number of grids (1/4 to
1/11 duty, 11 segments to 16 segments).
When this command is executed, display is forcibly turned off, and key scanning is also stopped. To
resume display, the display ON command must be executed. If the same mode is selected, however,
nothing is performed.
On power application, the 11-digit 11-segment mode is selected.
MSB
LSB
0
0
0
0
b3
b2b1b0
SW1
SW2
SW3
SW4
MSB
LSB
0
0
-
-
-
b2b1b0
DISPLAY MODE SETTING
000 : 4 digits, 16 segments
001 : 5 digits, 16 segments
010 : 6 digits, 16 segments
011 : 7 digits, 15 segments
100 : 8 digits, 14 segments
101 : 9 digits, 13 segments
110 : 10 digits, 12 segments
111 : 11 digits, 11 segments
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16