| Zakładka z wyszukiwarką danych komponentów |
|
MM54C48 Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM54C48 Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 6 page ![]() Typical Applications (Continued) Gas Discharge Readout TLF5883 – 10 Liquid Crystal (LC) Readout TLF5883 – 11 Direct DC drive of LC’s not recommended for life of LC readouts Truth Table Decimal Inputs Outputs or BIRBO Note Function LT RBI D C B A a b c d e f g 0 H H L L L L H HHHHHH L 1 1 H X L L L H H LH HL L L L 1 2 H X L LHL H H H LH HLH 3 H X L LH H H H H H HL LH 4 H X LHL L H L H H L L H H 5 H X LHLH H H LH HLH H 6 H X L HH L H L L HHHHH 7 H X L H H H H H H H LLLL 8 H X H L L L H HHHHHHH 9 H X H LL H H H H H LL H H 10 H X HLHL H L L L H H LH 11 H X HLH H H L L H H L L H 12 H X HH L L H L H L L L HH 13 H X HH L H H H L L H L HH 14 H X HHH L H L L L HHHH 15 H X H H H H H LLLLLLL BI X X X X X X L LLLLLLL 2 RBI H L LLLL L L LLLLLL 3 LT L X X X X X H HHHHHHH 4 H e high level L e low level X e irrelevant Note 1 The blanking input (BI) must be open when output functions 0–15 are desired The ripple-blanking input (RBI) must be high if blanking of a decimal zero is not desired Note 2 When a low logic level is applied directly to the blanking input (BI) all segment outputs are low regardless of the level of any other input Note 3 When ripple-blanking input (RBI) and inputs A B C and D are at a low level with the lamp-test input high all segment outputs go low and the ripple- blanking output (RBO) goes to a low level (response condition) Note 4 When the blanking inputripple-blanking output (BIRBO) is open and a low is applied to the lamp-test input all segment outputs are high One BIRBO is wire-AND logic serving as blanking input (BI) andor ripple-blanking output (RBO) 5 |