| Zakładka z wyszukiwarką danych komponentów |
|
PC755CVGU366LE Arkusz danych(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC755CVGU366LE Arkusz danych(HTML) 2 Page - ATMEL Corporation |
|
2 / 50 page ![]() 2 PC755/745 2138D–HIREL–06/03 Screening This product is manufactured in full compliance with: • CBGA + CI-CGA + FC-PBGA up screenings based upon Atmel standards • HiTCE • Full military temperature range (Tj = -55 °C,+125°C) industrial temperature range (Tj = -40 °C,+110°C) General Description Simplified Block Diagram The PC755 is targeted for low power systems and supports power management fea- tures such as doze, nap, sleep, and dynamic power management. The PC755 consists of a processor core and an internal L2 Tag combined with a dedicated L2 cache inter- face and a 60x bus. Figure 1. PC755 Block Diagram |