Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIC863 Arkusz danych(PDF) 4 Page - Micrel Semiconductor

Numer części MIC863
Szczegółowy opis  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Arkusz danych(HTML) 4 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC863
Micrel
MIC863
4
January 2005
Symbol
Parameter
Condition
Min
Typ
Max
Units
GBW
Gain-Bandwidth Product
R
L = 200kΩ, CL = 2pF, Av = 11
350
kHz
PM
Phase Margin
R
L = 200kΩ, CL = 2pF, Av = 11
65
°
BW
–3dB Bandwidth
A
V = 1, CL = 2pF, RL = 1MΩ
600
kHz
SR
Slew Rate
A
V = 1, CL = 2pF, RL = 1MΩ
0.35
V/µs
Positive Slew Rate = 0.17V/µs
I
SC
Short-Circuit Output Current
Source
4.5
6.3
mA
Sink
4.5
6.2
mA
I
S
Supply Current (per Op Amp)
No Load
3.6
7
µA
Channel to Channel Crosstalk
Note 5
–120
dB
V+= +5V, V–= 0V, V
CM= V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
V
OS
Input Offset Voltage
–6
0.1
6
mV
–5
5
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temp Coefficient
6
µV/°C
I
B
Input Bias Current
10
pA
I
OS
Input Offset Current
5pA
V
CM
Input Voltage Range (from V–)
CMRR > 60dB
3.5
4.1
V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 3.5V
60
85
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change from 3V to 5V
60
86
dB
A
VOL
Large-Signal Voltage Gain
R
L = 100kΩ, VOUT 4.0VPP
73
81
dB
R
L = 500kΩ, VOUT 4.0VPP
78
88
dB
V
OUT
Maximum Output Voltage Swing
R
L = 500kΩ
V+–3mV V+–1.3mV
V
V
OUT
Minimum Output Voltage Swing
R
L = 500kΩ
V–+0.7mV V–+3mV
V
GBW
Gain-Bandwidth Product
R
L = 200kΩ, CL = 2pF, Av = 11
450
kHz
PM
Phase Margin
63
°
BW
–3dB Bandwidth
A
V = 1, CL = 2pF, RL = 1MΩ
800
kHz
SR
Slew Rate
A
V = 1, CL = 2pF, RL = 1MΩ
0.35
V/µs
Positive Slew Rate = 0.2V/µs
I
SC
Short-Circuit Output Current
Source
17
23
mA
Sink
18
27
mA
I
S
Supply Current (per Op Amp)
No Load
4.2
8
µA
Channel to Channel Crosstalk
Note 5
–120
dB
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Pin 4 is ESD sensitive
Note 4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.
Note 5.
DC signal referenced to input. Refer to Typical Characteristics graphs for AC performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com