Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCS12FPDRR010N Arkusz danych(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Numer części TCS12FPDRR010N
Szczegółowy opis  Chip Current Sensing Precision Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOKEN [Token Electronics Industry Co., Ltd.]
Strona internetowa  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS12FPDRR010N Arkusz danych(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button TCS12FPDRR010N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCS12FPDRR010N Datasheet HTML 10Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 5/9
Environmental Characteristics
Environmental Characteristics (TCS)
Item
Specification
Test Method
Temperature Coefficient of
Resistance
As Spec
MIL-STD-202F Method 304
+25/-55/+25/+125/+25℃
Short Time Overload
±1%
JIS-C-5202-5.5
RCWV*2.5 or Max. overload voltage whichever is lower for
5 seconds
Dielectric Withstand Voltage
by Type
MIL-STD-202F Method 301
Apply Max Overload Voltage for l minute
Insulation Resistance
>1000MΩ
MIL-STD-202F Method 302
Apply 100VDC for 1 minute
Thermal Shock
±0.5%
MIL-STD-202F Method 107G
-55℃~150℃, 100cycles
Load Life (Endurance)
±1%
MIL-STD-202F Method 108A
70±2℃, RCWV for 1000 hrs with 1.5 hrs “ON” and 0.5 hrs
“OFF”
Humidity (Damp Heat with
Load)
±0.5%
MIL-STD-202F Method 103B
40℃, 90~95%RH, RCWV 1.5 hours ON,
0.5 hours OFF, total 1000 hours
Low Temperature Operation
±0.5%
JIS-C-5202-7.1
1hour, -65℃ followed by 45minutes of RCWV
Bending Strength
As Spec
JIS-C-5202-6.1.4
Bending Amplitude 3mm for 10seconds
Solderability
95%min coverage
MIL-STD-202F Method 208H
245℃±5℃, 3 seconds
Resistance to Soldering Heat
±0.5%
MIL-STD-202F Method 210E
260±5℃, 10±1 seconds
Rated continuous Working Voltage (RCWV) =
√�������������������� ������������������������ × ���������������������������������������� �������������������� (����) or Max. Operating voltage
whichever is lower.
Storage Temperature: 15~28℃, Humidity < 80%RH
Reflow Soldering (TCS)
Power Derating Curve (TCS) Series



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com