| Zakładka z wyszukiwarką danych komponentów |
|
UPR100RBC5P Arkusz danych(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
UPR100RBC5P Arkusz danych(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
|
3 / 6 page ![]() Taiwan Factory: +886 2 29810109 http://www.token.com.tw rfq@token.com.tw China Factory: +86 755 26055363 Page: 2/5 Dimensions & Technical Characteristics Dimensions & Technical Characteristics (UPR) Dimensions (Unit: mm) A 10.5 ± 0.3 B 9.1 ± 0.3 C 4.0 ± 0.3 D 0.6 ± 0.05 E 7.62 ± 0.5 Working Temperature (℃) -10 ~ +70 Rated Wattage at 70℃ (W) 0.2 Maximum Working Voltage (V) 250 Nominal Resistance Range (Ω) 10Ω ~ 5MΩ 100Ω ~ 500KΩ Nominal Resistance Tolerance (%) A2(±0.02), A5(±0.05), B(±0.1) T(±0.01), A2(±0.02), A5(±0.05),B(±0.1) Temperature Coefficient (ppm/ ℃ ) [TCR: +25℃ ~ +85℃] C9(±3), C7(±5), C6(±10), C5(±15), C3(±25) C10(±2), C9(±3), C7(±5), C6(±10), C5(±15), C3(±25) (UPR) Resistor Network Dimensions Remark: 1. Customer can specify Tolerance and Temperature Coefficient range to meet your own needs. 2. It can be required to Token's representatives if customer's requirement beyonds the range of Token's specifications. |