Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RJM73S10MCC2P Arkusz danych(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Numer części RJM73S10MCC2P
Szczegółowy opis  Metal Film Ultra Precision Melf Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOKEN [Token Electronics Industry Co., Ltd.]
Strona internetowa  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJM73S10MCC2P Arkusz danych(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  RJM73S10MCC2P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJM73S10MCC2P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJM73S10MCC2P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RJM73S10MCC2P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RJM73S10MCC2P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 4/4
General Information
Token MELF Offers Designer a Greater Choice
Token Electronics is now offering the complete range of MELF products, comprising DIN-0411,
DIN-0309, DIN-0207, DIN-0204 and DIN-0102. This high stability, close-tolerance MELF resistors
have a footprint very close to comparable chip resistors but maintain their tolerance and deliver higher
stability over a wider temperature range.
Where applications require even tighter tolerance, Token offer Ultra Precision range in the RJM
package, with values from 0.1Ω ~ 22MΩ, tolerance from ±5% down to as low as ±0.05% and TC from
±50ppm/℃ to ±5ppm/℃.
For high pulse load and high-frequency applications, Token Electronics offer specialized MELF
resistor. The high pulse load resistors are metal glaze film RGM, available in values from 50KΩ ~
22MΩ and ±0.5% precision tolerance, for 0.125 W ~ 3W applications.
High-frequency RFM resistors are available for RF microwave applications where impedance change
due to the parasitic inductance of regular resistors is not acceptable.
Chip Resistor Alternatives
In very low resistance values, between 0.1Ω and 475Ω, not usually offered by conventional chip
resistors, these are available in RJM72P 0102, RJM73P 0204, RJM74P 0207 and standard RJM18M
0411 MELF precision packages.
All MELF-type resistors are available on blister tape for automated placement and maintain their high
stability, high precision characteristics when exposed to soldering temperatures and operating stresses
including moisture, vibration, humidity and temperature variation within the specified range.
This makes them suitable for a wide range of applications, from laboratory and prototyping work to
installation in hostile environments such as airframe or under-bonnet areas, exposed parts of vehicles,
or other places where electronic sensing and controls must be installed.



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com