Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPZ2012S300A Arkusz danych(PDF) 7 Page - Diodes Incorporated

Numer części MPZ2012S300A
Szczegółowy opis  12VDC and 12VAC input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Arkusz danych(HTML) 7 Page - Diodes Incorporated

  MPZ2012S300A Datasheet HTML 1Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 2Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 3Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 4Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 5Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 6Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AL8807EV4
Issue 2 – May 2012
© Diodes Incorporated 2012
www.diodes.com
7 of 8
Current Setting
The LED current is set by the sense resistor value, RSENSE. On this PCB, there are two resistors in
parallel.
RSENSE = R1 * R2 / (R1 + R2)
For the schematic values this gives a resistance of 0.15 * 0.2 (0.15 + 0.2) = 0.0857 ohms.
The LED current flows through RSENSE. The sense voltage is 100mV, so the LED current is simply
ILED = 0.1/ RSENSE
For the schematic values this gives an LED current of 0.1/0.0857 = 1.167 A nominally. In practice
there is a slight reduction in current partly due to the resistance of the PCB copper, depending on the
PCB layout. At 1.1A this reduction is typically about 5% using AL8807EV4.
The following table gives commercially available resistor values for typical current requirements,
allowing a current error of 3% maximum not including the effect of PCB copper. A power limit of
125mW is assumed for the 0805 size resistors with 50% de-rating.
LED Current
R1, ohms
R2, ohms
150mA
0.68
DO NOT FIT
300mA
0.33
DO NOT FIT
380mA
0.51
DO NOT FIT
500mA
0.2
DO NOT FIT
660mA
0.15
DO NOT FIT
1A
0.2
0.2
1.1A
0.15
0.2
Performance
The performance of the AL8807EV4 demonstrated shows the capability to regulate LED current. The
LED current of 1.1A is approximately 5% lower than the calculated value. This is partly due to copper
resistance. With a load of 2 LEDs, the current changes by less than ±2% over the input voltage range
from 9VDC to 30VDC. With 2 LEDs and a supply of 12VDC, the switching frequency is approximately
440kHz.
For further advice, please contact your local Diodes Field Applications Engineer, or one of our
sales offices listed on the back page of this document.



Html Pages

1 2 3 4 5 6 7 8