| Zakładka z wyszukiwarką danych komponentów |
|
TLE2021MFKB Arkusz danych(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2021MFKB Arkusz danych(HTML) 28 Page - Texas Instruments |
|
28 / 79 page ![]() TLE2022 operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS C SUFFIX I SUFFIX M SUFFIX UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT SR Slew rate at unity gain VO = 1 V to 3 V, See Figure 1 0.5 0.5 0.5 V/ µs V Equivalent input noise voltage f = 10 Hz 21 50 21 50 21 nV/ √Hz Vn qg (see Figure 2) f = 1 kHz 17 30 17 30 17 nV/ √Hz VN(PP) Peak to peak equivalent input noise voltage f = 0.1 to 1 Hz 0.16 0.16 0.16 µV VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 10 Hz 0.47 0.47 0.47 µV In Equivalent input noise current 0.1 0.1 0.1 pA/ √Hz B1 Unity-gain bandwidth See Figure 3 1.7 1.7 1.7 MHz φm Phase margin at unity gain See Figure 3 47 ° 47 ° 47 ° TLE2022 operating characteristics at specified free-air temperature, VCC = ±15 V PARAMETER TEST CONDITIONS TA† C SUFFIX I SUFFIX M SUFFIX UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT SR Slew rate at unity gain VO = ± 10 V See Figure 1 25 °C 0.45 0.65 0.45 0.65 0.45 0.65 V/ µs SR Slew rate at unity gain VO = ± 10 V, See Figure 1 Full range 0.45 0.42 0.4 V/ µs V Equivalent input noise f = 10 Hz 25 °C 19 50 19 50 19 nV/ √Hz Vn q voltage (see Figure 2) f = 1 kHz 25 °C 15 30 15 30 15 nV/ √Hz VN(PP) Peak-to-peak equivalent f = 0.1 to 1 Hz 25 °C 0.16 0.16 0.16 µV VN(PP) q input noise voltage f = 0.1 to 10 Hz 25 °C 0.47 0.47 0.47 µV In Equivalent input noise current 25 °C 0.1 0.1 0.1 pA/ √Hz B1 Unity-gain bandwidth See Figure 3 25 °C 2.8 2.8 2.8 MHz φm Phase margin at unity gain See Figure 3 25 °C 52 ° 52 ° 52 ° † Full range is 0 °C to 70°C. |